Electronic Components Datasheet Search
  English  ▼

X  

TC255 Datasheet(PDF) 15 Page - Texas Instruments

Part # TC255
Description  336- 횞 244-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC255 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TC255 Datasheet HTML 10Page - Texas Instruments TC255 Datasheet HTML 11Page - Texas Instruments TC255 Datasheet HTML 12Page - Texas Instruments TC255 Datasheet HTML 13Page - Texas Instruments TC255 Datasheet HTML 14Page - Texas Instruments TC255 Datasheet HTML 15Page - Texas Instruments TC255 Datasheet HTML 16Page - Texas Instruments TC255 Datasheet HTML 17Page - Texas Instruments TC255 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057 – JUNE 1996
2-15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
IAG1
SAG
SRG
IAG2
ADB
SUB
OUT
TC255P
ABG
8
7
6
5
1
2
3
4
VIA, VM, VS
12 V
DC VOLTAGES
TMC57750
44
43
42
41
40
39
38
37
36
35
34
54
55
56
57
58
59
60
61
62
63
64
27
26
25
24
23
22
21
20
19
18
17
5
6
7
8
9
10
11
12
13
14
15
28
29
30
31
45 46 47 48
43
2
1
53
52
51
50
ED
DSSEL
PHSEL1
SHTCOM
EU
TEST4
CBLK
CSYNC
GND
CPOB1
CPOB2
SSEL1
VCC
SSEL2
SSEL3
VR
HR
FSSEL
ABGSEL
ABG
ABM
VCC
IAG1
IAG2
SAG
GND
SRG
SRM
DLSEL
PHSEL2
32
VACT
16
49
SRGSEL
33
WIN
VCC
CPOB1
CSYNC
CBLK
EU
ED
VCC
S/H
CDS
VCC
OUT
5 V
GND
VCC
25 MHz
VCC
VCC
GND
EN
VAB
1
2
3
4
5
6
7
8
9
10
11
12
ABIN
ABMIN
IA1IN
IA2IN
SAIN
SRIN
SRMIN
GND
24
23
22
21
20
19
18
17
16
15
14
13
ABOUT
VABL
GND
VABM
IA1OUT
VIA
IA2OUT
GND
SAOUT
VS
SROUT
VSM
VAB
VCC
TMC57253
VABM
ADB
SUB
VIA
VS
VSM
Buffer
and
Preamp
SN761210
18
17
16
15
14
13
12
6
5
4
3
2
1
7
8
9
10
19 20 21 22
AGCOUT
DATAIN
S/HFB
SHP
SHD1
SHD2
GND
AGCFIL
AGCLVL
AGCMAX
11
AMPIN
28
29
30
31
32
33
27
26
25
24
23
APGAIN
VCC
VIDEO
GND
CSYNC
CLAMP
CHARAIN
VCC
YHIN
APOUT
APFIL
38
39
40
41
42
43
44
37 36 35 34
4.7
µF
0.1
µF
0.1
µF
S/H
CDS
4.7
µF
Low-Pass
FIlter
0.1
µF
WIN
CPOB1
0.1
µF
AMPTUNE
VCC
75
Ω
CSYNC
CPOB1
To Monitor
VCC
0.1
µF
VCC
5 V
ADB
22 V
SUB
10 V
VABM
7.5 V
HICPLVL
1.9 V
SULVL
1.2 V
SYNCLVL
1.2 V
CTRLVL
1.0 V
WIDLVL
4.0 V
AMPTUNE
1.0 V
100
µF
VCC
VAB
VABL
14 V
3 V
NOTES: A. Decoupling capacitors are not shown.
B. TI recommends designing AC coupled systems.
(see
Note B)
VABL
Figure 13. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com