Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA655 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA655 Datasheet HTML 6Page - Texas Instruments OPA655 Datasheet HTML 7Page - Texas Instruments OPA655 Datasheet HTML 8Page - Texas Instruments OPA655 Datasheet HTML 9Page - Texas Instruments OPA655 Datasheet HTML 10Page - Texas Instruments OPA655 Datasheet HTML 11Page - Texas Instruments OPA655 Datasheet HTML 12Page - Texas Instruments OPA655 Datasheet HTML 13Page - Texas Instruments OPA655 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
10
www.ti.com
TYPICAL CHARACTERISTICS
measurement conditions: TA = 25°C, RL = 1 kΩ, VS = ±15 V (unless otherwise noted)
Figure 14
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
024
68
10
12
Peak-to-Peak Output Swing – V
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
2nd Harmonic
3rd Harmonic
Gain = 2,
RF = 250 Ω,
RL = 1 kΩ,
f = 1 MHz
Figure 15
60
70
80
90
100
110
120
130
0
5
10
15
20
SR–
SR+
Output Voltage Step – V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Gain = 5,
RL = 1 kΩ
Figure 16
1
10
100
1 k
10 k
–15
–10
–5
0510
15
Input Common-Mode Range – V
INPUT BIAS CURRENT
vs
INPUT COMMON-MODE RANGE
Figure 17
0
20
40
60
80
100
120
–15
–10
–50
5
10
15
Input Common-Mode Range – V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
Figure 18
92
94
96
98
100
102
104
106
108
110
–40 –20
0
20
40
60
80
100 120
Case Temperature –
°C
OPEN-LOOP GAIN
vs
TEMPERATURE
Figure 19
1
10
100
1 k
10 k
100 k
–40 –20
0
20
40
60
80
100 120
IIB+
IIB–
Case Temperature –
°C
INPUT BIAS CURRENT
vs
TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com