Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA655 Datasheet(HTML) 2 Page - Texas Instruments

  OPA655 Datasheet HTML 1Page - Texas Instruments OPA655 Datasheet HTML 2Page - Texas Instruments OPA655 Datasheet HTML 3Page - Texas Instruments OPA655 Datasheet HTML 4Page - Texas Instruments OPA655 Datasheet HTML 5Page - Texas Instruments OPA655 Datasheet HTML 6Page - Texas Instruments OPA655 Datasheet HTML 7Page - Texas Instruments OPA655 Datasheet HTML 8Page - Texas Instruments OPA655 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
2
www.ti.com
1
2
3
4
8
7
6
5
NC
IN –
IN +
VS–
NC
VS+
OUT
NC
THS4601
D AND DDA PACKAGE
(TOP VIEW)
NC – No internal connection
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
NC
1, 5, 8
These pins have no internal connection.
IN–
2
Inverting input of the amplifier
IN+
3
Noninverting input of the amplifier
VS–
4
Negative power supply
OUT
6
Output of the amplifier
VS+
7
Positive power supply
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VS+
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VS–
–16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA:
C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from cases for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE AND ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE RANGE
PACKAGE MARKING
THS4601CD
SOIC surface mount
8D
0
°C to 70°C
4601C
THS4601ID
SOIC surface mount
8D
–40
°C to 85°C
4601I
THS4601CDDA
SOIC surface mount with PowerPAD
8DDA
0
°C to 70°C
4601C
THS4601IDDA
SOIC surface mount with PowerPAD
8DDA
–40
°C to 85°C
4601I
NOTE: The THS4601 is available taped and reeled. Add an R suffix to the device type when ordering (e.g., THS4601IDR).
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com