Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA655 Datasheet(HTML) 3 Page - Texas Instruments

  OPA655 Datasheet HTML 1Page - Texas Instruments OPA655 Datasheet HTML 2Page - Texas Instruments OPA655 Datasheet HTML 3Page - Texas Instruments OPA655 Datasheet HTML 4Page - Texas Instruments OPA655 Datasheet HTML 5Page - Texas Instruments OPA655 Datasheet HTML 6Page - Texas Instruments OPA655 Datasheet HTML 7Page - Texas Instruments OPA655 Datasheet HTML 8Page - Texas Instruments OPA655 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
3
www.ti.com
electrical specifications: VS = ±15 V: RF = 250 Ω, RL = 1 kΩ and G = +2 (unless otherwise noted)
THS4601
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
–40
°C
to 85
°C
MIN/
MAX
UNIT
AC PERFORMANCE
G = +1, VO = 20 mVpp, RF = 0 Ω
440
Typ
MHz
G = +2, VO = 40 mVpp, RF = 62 Ω
95
Typ
MHz
Small-signal bandwidth
G = +5, VO = 100 mVpp, RF = 500 Ω
36
Typ
MHz
g
G = +10, VO = 200 mVpp,
RF = 1 kΩ
18
Typ
MHz
Gain-bandwidth product
G > +10
180
Typ
MHz
Bandwidth for 0.1 dB flatness
G = +2, VO = 200 mVpp
5
Typ
MHz
Large-signal bandwidth
G = +5, VO = 10 Vpp
3
Typ
MHz
Slew rate, SR
G = +5, 10 V Step
100
Typ
V/
µs
Rise/fall time, tr/tf
1.0 V Step
7
Typ
ns
Settling time t
0.01%
G = +5, VO = 5 V Step
170
Typ
ns
Settling time, ts
0.1%
G = +5, VO = 5 V Step
135
Typ
ns
Harmonic distortion
G = +2, f = 1 MHz, VO = 2Vpp
2nd Harmonic
RL = 100 Ω
–65
Typ
dBc
2nd Harmonic
RL = 1 kΩ
–77
Typ
dBc
3rd Harmonic
RL = 100 Ω
–73
Typ
dBc
3rd Harmonic
RL = 1 kΩ
–96
Typ
dBc
Input voltage noise, Vn
f > 10 kHz
5.4
Typ
nV/
√Hz
Input current noise, In
f > 10 kHz
5.5
Typ
fA/
√Hz
Differential gain (NTSC, PAL)
G = +2, RL = 150 Ω
0.02%
Typ
Differential phase (NTSC, PAL)
G = +2, RL = 150 Ω
0.08
Typ
_
DC PERFORMANCE
Open-loop voltage gain
G = –10, RL = 1 kΩ
105
94
92
90
Min
dB
Input offset voltage, VIO
VCM = 0 V
1.0
4.0
4.5
5.0
Max
mV
Average offset voltage drift
VCM = 0 V
±10
±10
Typ
µV/_C
Input bias current, IIB
VCM = 0 V
30
100
550
1100
Max
pA
Average bias current drift
VCM = 0 V
50
50
Typ
pA/
°C
Input offset current, IIO
VCM = 0 V
2
100
200
300
Max
pA
Average offset current drift
VCM = 0 V
5
5
Typ
pA/
°C
INPUT
Common-mode input range, VIC
±13.0
12.6
to
–12.0
12.5 to
–11.9
12.4 to
–11.8
Min
V
Common-mode rejection ratio, CMRR
110
100
95
90
Min
dB
Input impedance, Zid
Differential
109 || 3.5
Typ
Ω || pF
Input impedance, Zic
Common-mode
109 || 6.5
Typ
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com