Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA655 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA655 Datasheet HTML 7Page - Texas Instruments OPA655 Datasheet HTML 8Page - Texas Instruments OPA655 Datasheet HTML 9Page - Texas Instruments OPA655 Datasheet HTML 10Page - Texas Instruments OPA655 Datasheet HTML 11Page - Texas Instruments OPA655 Datasheet HTML 12Page - Texas Instruments OPA655 Datasheet HTML 13Page - Texas Instruments OPA655 Datasheet HTML 14Page - Texas Instruments OPA655 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
11
www.ti.com
TYPICAL CHARACTERISTICS
measurement conditions: TA = 25°C, RL = 1 kΩ, VS = ±15 V (unless otherwise noted)
Figure 20
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
–40 –20
0
20
40
60
80
100 120
Case Temperature –
°C
INPUT OFFSET CURRENT
vs
TEMPERATURE
Figure 21
0
0.50
1
1.50
2
2.50
–40 –20
0
20
40
60
80
100 120
Case Temperature –
°C
OFFSET VOLTAGE
vs
TEMPERATURE
Figure 22
9
9.2
9.4
9.6
9.8
10
10.2
–40 –20
0
20
40
60
80
100 120
Case Temperature –
°C
QUIESCENT CURRENT
vs
TEMPERATURE
Figure 23
40
45
50
55
60
65
70
75
80
85
90
–40 –20
0
20
40
60
80
100 120
Sourcing Current
Sinking Current
Case Temperature –
°C
OUTPUT CURRENT
vs
TEMPERATURE
Figure 24
12.4
12.6
12.8
13
13.2
13.4
13.6
13.8
14
–40 –20
0
20
40
60
80
100 120
–14
–13.8
–13.6
–13.4
–13.2
–13
–12.8
–12.6
–12.4
Case Temperature –
°C
OUTPUT VOLTAGE SWING
vs
TEMPERATURE
VO–
VO+
Figure 25
70
75
80
85
90
95
100
105
110
115
120
125
130
–40 –20
0
20
40
60
80
100 120
PSRR+
CMRR
PSRR–
Case Temperature –
°C
REJECTION RATIOS
vs
TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com