Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA655 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA655 Datasheet HTML 14Page - Texas Instruments OPA655 Datasheet HTML 15Page - Texas Instruments OPA655 Datasheet HTML 16Page - Texas Instruments OPA655 Datasheet HTML 17Page - Texas Instruments OPA655 Datasheet HTML 18Page - Texas Instruments OPA655 Datasheet HTML 19Page - Texas Instruments OPA655 Datasheet HTML 20Page - Texas Instruments OPA655 Datasheet HTML 21Page - Texas Instruments OPA655 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
18
www.ti.com
APPLICATION INFORMATION
alternative transimpedance configurations (continued)
The third configuration uses a capacitive T-network to achieve fine control of the compensation capacitance.
The capacitor CF3 can be used to tune the total effective feedback capacitance to a very fine degree. This circuit
behaves the same as the basic transimpedance configuration, with the effective CF given by equation 4.
1
C
FEQ
+ 1
C
F1
1
)
C
F3
C
F2
_
+
CF2
RL
RF
–VBias
CF1
CF3
NOTE: A capacitive T-network enables fine control of the effective
feedback capacitance using relatively large capacitor values.
λ
Figure 35. Alternative Transimpedance Configuration #3
summary of key decisions in transimpedance design
The following is a quick, simplified process for basic transimpedance circuit design. This process gives a quick
start to the design process, though it does ignore some aspects that may be critical to the circuit.
Step 1:
Determine the capacitance of the source.
Step 2:
Calculate the total source capacitance, including the amplifier input capacitance, CICM and CIDIFF.
Step 3:
Determine the magnitude of the possible current output from the source, including the minimum
signal current anticipated and maximum signal current anticipated.
Step 4:
Choose a feedback resistor value such that the input current levels create the desired output signal
voltages, and ensure that the output voltages can accommodate the dynamic range of the input
signal.
Step 5:
Calculate the optimum feedback capacitance using equation 1.
Step 6:
Calculate the bandwidth given the resulting component values.
Step 7:
Evaluate the circuit to see if all design goals are satisfied.
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com