Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments THS7002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Number of 150-
Ω Loads
DRIVER
DIFFERENTIAL GAIN AND PHASE
vs
NUMBER OF 150-
Ω LOADS
0.09
0.06
0.03
0
28
0.15
1
4
0.12
VCC = ±15 V
RF = 1 kΩ
Gain = 2
f = 3.58 MHz
40 IRE Modulation
100 IRE Ramp
0.05
0
0.10
0.15
0.20
0.25
Gain
Phase
35
6
7
Figure 26
Number of 150-
Ω Loads
DRIVER
DIFFERENTIAL GAIN AND PHASE
vs
NUMBER OF 150-
Ω LOADS
0.09
0.06
0.03
0
0.15
0.12
0.05
0
0.10
0.15
0.20
0.25
VCC = ±5 V
RF = 1 kΩ
Gain = 2
f = 3.58 MHz
40 IRE Modulation
100 IRE Ramp
Gain
Phase
28
14
35
6
7
Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com