Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 21Page - Texas Instruments THS7002 Datasheet HTML 22Page - Texas Instruments THS7002 Datasheet HTML 23Page - Texas Instruments THS7002 Datasheet HTML 24Page - Texas Instruments THS7002 Datasheet HTML 25Page - Texas Instruments THS7002 Datasheet HTML 26Page - Texas Instruments THS7002 Datasheet HTML 27Page - Texas Instruments THS7002 Datasheet HTML 28Page - Texas Instruments THS7002 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power supply restrictions
Although the THS6002 is specified for operation from power supplies of
±5 V to ±15 V (or singled-ended power
supply operation from 10 V to 30 V), and each amplifier has its own power supply pins, several precautions must
be taken to assure proper operation.
1.
The power supplies for each amplifier must be the same value. For example, if the drivers use
±15 volts,
then the receivers must also use
±15 volts. Using ±15 volts for one amplifier and ±5 volts for another
amplifier is not allowed.
2.
To save power by powering down some of the amplifiers in the package, the following rules must be
followed.
• The amplifier designated Receiver 1 must always receive power whenever any other amplifier(s) within
the package is used. This is because the internal startup circuitry uses the power from the Receiver 1
device.
• The –V
CC pins from all four devices must always be at the same potential.
• Individual amplifiers are powered down by simply opening the +V
CC connection.
As an example, if only the two drivers within the THS6002 are used, then the package power is reduced by
removing the +VCC connection to Receiver 2. This reduces the power consumption by an amount equal to the
quiescent power of a single receiver amplifier. The +VCC connections to Receiver 1 and both drivers are
required. Also, all four amplifiers must be connected to –VCC, including Receiver 2.
The THS6002 incorporates a standard Class A-B output stage. This means that some of the quiescent current
is directed to the load as the load current increases. So under heavy load conditions, accurate power dissipation
calculations are best achieved through actual measurements. For small loads, however, internal power
dissipation for each amplifier in the THS6002 can be approximated by the following formula:
P
D ≅
2V
CC
I
CC )
V
CC
_V
O
V
O
R
L
Where:
PD = power dissipation for one amplifier
VCC = split supply voltage
ICC = supply current for that particular amplifier
VO = output voltage of amplifier
RL
= load resistance
To find the total THS6002 power dissipation, we simply sum up all four amplifier power dissipation results.
Generally, the worst case power dissipation occurs when the output voltage is one-half the VCC voltage. One
last note, which is often overlooked: the feedback resistor (RF) is also a load to the output of the amplifier and
should be taken into account for low value feedback resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com