Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 27Page - Texas Instruments THS7002 Datasheet HTML 28Page - Texas Instruments THS7002 Datasheet HTML 29Page - Texas Instruments THS7002 Datasheet HTML 30Page - Texas Instruments THS7002 Datasheet HTML 31Page - Texas Instruments THS7002 Datasheet HTML 32Page - Texas Instruments THS7002 Datasheet HTML 33Page - Texas Instruments THS7002 Datasheet HTML 34Page - Texas Instruments THS7002 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PCB design considerations (continued)
D Proper power supply decoupling – Use a minimum of a 6.8-µF tantalum capacitor in parallel with a 0.1-µF
ceramic capacitor on each supply terminal. It may be possible to share the tantalum among several
amplifiers depending on the application, but a 0.1-
µF ceramic capacitor should always be used on the
supply terminal of every amplifier. In addition, the 0.1-
µF capacitor should be placed as close as possible
to the supply terminal. As this distance increases, the inductance in the connecting etch makes the capacitor
less effective. The designer should strive for distances of less than 0.1 inches between the device power
terminal and the ceramic capacitors.
Because of its power dissipation, proper thermal management of the THS6002 is required. Although there are
many ways to properly heatsink this device, the following steps illustrate one recommended approach for a
multilayer PCB with an internal ground plane.
1.
Prepare the PCB with a top side etch pattern as shown in Figure 57. There should be etch for the leads as
well as etch for the thermal pad.
2.
Place five holes in the area of the thermal pad. These holes should be 13 mils in diameter. They are kept
small so that solder wicking through the holes is not a problem during reflow.
3.
Place four more holes under the package, but outside the thermal pad area. These holes are 25 mils in
diameter. They may be larger because they are not in the area to be soldered so that wicking is not a
problem.
4.
Connect all nine holes, the five within the thermal pad area and the four outside the pad area, to the internal
ground plane.
5.
When connecting these holes to the ground plane, do not use the typical web or spoke via connection
methodology. Web connections have a high thermal resistance connection that is useful for slowing the heat
transfer during soldering operations. This makes the soldering of vias that have plane connections easier.
However, in this application, low thermal resistance is desired for the most efficient heat transfer. Therefore,
the holes under the THS6002 package should make their connection to the internal ground plane with a
complete connection around the entire circumference of the plated through hole.
6.
The top-side solder mask should leave exposed the terminals of the package and the thermal pad area with
its five holes. The four larger holes outside the thermal pad area, but still under the package, should be
covered with solder mask.
7.
Apply solder paste to the exposed thermal pad area and all of the operational amplifier terminals.
8.
With these preparatory steps in place, the THS6002 is simply placed in position and run through the solder
reflow operation as any standard surface mount component. This results in a part that is properly installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com