Electronic Components Datasheet Search
  English  ▼

X  

THS7002EVM Datasheet(PDF) 4 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 4 Page - Texas Instruments

  THS7002EVM Datasheet HTML 1Page - Texas Instruments THS7002EVM Datasheet HTML 2Page - Texas Instruments THS7002EVM Datasheet HTML 3Page - Texas Instruments THS7002EVM Datasheet HTML 4Page - Texas Instruments THS7002EVM Datasheet HTML 5Page - Texas Instruments THS7002EVM Datasheet HTML 6Page - Texas Instruments THS7002EVM Datasheet HTML 7Page - Texas Instruments THS7002EVM Datasheet HTML 8Page - Texas Instruments THS7002EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
output clamping
Output clamping for both upper (VH) and lower (VL) levels for the PGAs is provided. There is only one terminal
for the positive output clamp and one for the negative output clamp for both channels.
shutdown control
The SHDN terminals allow for powering down the internal circuitry for power conservation or for multiplexing.
Separate shutdown controls are available for each channel. The control levels are TTL compatible.
absolute maximum ratings over operating free-air temperature (see Notes 1 and 2)†
Supply voltage, VCC
±16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (preamp) (see Note 1)
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO (PGA) (see Note 1)
85 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total continuous power dissipation at (or below) TA = 25°C (see Note 2): THS7001
3.83 W
. . . . . . . . . . . . . .
THS7002
4.48 W
. . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA:C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The THS7001 and THS7002 incorporates a PowerPAD on the underside of the chip. The PowerPAD acts as a heatsink and must
be connected to a thermal dissipation plane for proper power dissipation. Failure to do so can result in exceeding the maximum
junction temperature, which could permanently damage the device. See the
Thermal Information section of this document for more
information about PowerPAD technology.
2. For operation above TA = 25°C, derate the THS7001 linearly to 2 W at the rate of 30.6 mW/°C and derate the THS7002 linearly to
2.33 W at the rate of 35.9 mW/
°C.
recommended operating conditions
MIN
NOM
MAX
UNIT
Preamp supply voltage, VCC+ and VCC–
Split supply
±4.5
±16
V
PGA supply voltage, VCC+ and VCC–
Split supply
±4.5‡
±16
V
Operating free air temperature TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
–40
85
°C
‡ PGA minimum supply voltage must be less than or equal to preamp supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com