Electronic Components Datasheet Search
  English  ▼

X  

THS7002EVM Datasheet(PDF) 26 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS7002EVM Datasheet HTML 22Page - Texas Instruments THS7002EVM Datasheet HTML 23Page - Texas Instruments THS7002EVM Datasheet HTML 24Page - Texas Instruments THS7002EVM Datasheet HTML 25Page - Texas Instruments THS7002EVM Datasheet HTML 26Page - Texas Instruments THS7002EVM Datasheet HTML 27Page - Texas Instruments THS7002EVM Datasheet HTML 28Page - Texas Instruments THS7002EVM Datasheet HTML 29Page - Texas Instruments THS7002EVM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ADSL (continued)
_
+
6.8
µF
0.1
µF
–12 V
6.8
µF
0.1
µF
12 V
1 k
Ω
1 k
Ω
+
+
VI+
_
+
6.8
µF
0.1
µF
–12 V
6.8
µF
0.1
µF
12 V
1 k
Ω
1 k
Ω
+
+
VI–
+
–
499
Ω
499
Ω
1 k
Ω
12.5
Ω
+
–
499
Ω
0.1
µF
499
Ω
1 k
Ω
1:2
Telephone Line
12.5
Ω
12 V
–12 V
0.01
µF
THS7002
Preamp 1
THS7002
Preamp 2
VO+
VO–
THS6012
Driver 1
THS6012
Driver 2
100
Ω
Driver Block
Receiver Block
Figure 65. THS7002 Central-Office ADSL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com