Electronic Components Datasheet Search
  English  ▼

X  

THS7002EVM Datasheet(PDF) 5 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 5 Page - Texas Instruments

  THS7002EVM Datasheet HTML 1Page - Texas Instruments THS7002EVM Datasheet HTML 2Page - Texas Instruments THS7002EVM Datasheet HTML 3Page - Texas Instruments THS7002EVM Datasheet HTML 4Page - Texas Instruments THS7002EVM Datasheet HTML 5Page - Texas Instruments THS7002EVM Datasheet HTML 6Page - Texas Instruments THS7002EVM Datasheet HTML 7Page - Texas Instruments THS7002EVM Datasheet HTML 8Page - Texas Instruments THS7002EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
preamp electrical characteristics, G = 2, TA = 25°C, RL = 150 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Split supply
±4.5
±16.5
V
RL =1kΩ
VCC = ±5 V
±3.6
±3.8
VOM
Maximum output voltage swing
RL = 1 kΩ
VCC = ±15 V
±13
±13.6
V
VOM
Maximum output voltage swing
RL = 150 Ω
VCC = ±5 V
±3.5
±3.7
V
RL = 250 Ω
VCC = ±15 V
±11
±12.6
VIO
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
1
5
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
7
mV
Input offset voltage drift
10
µV/°C
VICR
Common mode input voltage range
VCC = ±5 V
±3.8
±4.2
V
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8
±14
V
IO
Output current (see Note 3)
RL =20 Ω
VCC = ±5 V
40
70
mA
IO
Output current (see Note 3)
RL = 20 Ω
VCC = ±15 V
60
95
mA
IOC
Short-circuit output current (see Note 3)
VCC = ±15 V
120
mA
IIB
Input bias current
VCC = ±5Vor ±15 V
TA = 25°C
2.5
6
µA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IIO
Input offset current
VCC = ±5Vor ±15 V
TA = 25°C
30
175
nA
IIO
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Input offset current drift
0.3
nA/
°C
VCC = ±5 V,
TA = 25°C
80
89
CMRR
Common mode rejection ratio
CC
,
VIC = ±2.5 V
TA = full range
78
dB
CMRR
Common-mode rejection ratio
VCC = ±15 V,
TA = 25°C
80
88
dB
CC
,
VIC = ±12 V
TA = full range
78
PSRR
Power supply rejection ratio
VCC = ±5Vor ±15 V
TA = 25°C
85
100
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
80
dB
RI
Input resistance
1
M
Ω
CI
Input capacitance
1.5
pF
RO
Output resistance
Open loop
13
Ω
VCC = ±5V
TA = 25°C
5.5
7
ICC
Quiescent current (per channel)
VCC = ±5 V
TA = full range
8
mA
ICC
Quiescent current (per channel)
VCC = ±15 V
TA = 25°C
7
8
mA
VCC = ±15 V
TA = full range
9
† Full range for the THS7001/02C is 0
°C to 70°C. Full range for the THS7001/022I is –40°C to 85°C.
NOTE 3: A heatsink may be required to keep the junction temperature below absolute maximum when an output is heavily loaded or shorted.
(See absolute maximum ratings and thermal information section.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com