Electronic Components Datasheet Search
  English  ▼

X  

THS7002EVM Datasheet(PDF) 8 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7002EVM Datasheet HTML 4Page - Texas Instruments THS7002EVM Datasheet HTML 5Page - Texas Instruments THS7002EVM Datasheet HTML 6Page - Texas Instruments THS7002EVM Datasheet HTML 7Page - Texas Instruments THS7002EVM Datasheet HTML 8Page - Texas Instruments THS7002EVM Datasheet HTML 9Page - Texas Instruments THS7002EVM Datasheet HTML 10Page - Texas Instruments THS7002EVM Datasheet HTML 11Page - Texas Instruments THS7002EVM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGA electrical characteristics, TA = 25°C, Gain = 2 dB, RL = 1 kΩ, (unless otherwise noted)
(continued)
digital gain characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
Relative to GND
2
V
VIL
Low-level input voltage
Relative to GND
0.8
V
IIH
High-level input current
VIH = 5 V
20
100
nA
IIL
Low-level input current (sink current)
VIL = 0.5 V
0.9
2
µA
td
Gain-change delay time†
VCC = ±5 V or ±15 V
2
µs
† Gain-change delay time is the time needed to reach 90% of its final gain value.
PGA operating characteristics, TA = 25°C, Gain = 2 dB, RL = 1 kΩ, (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
SR
Slew rate (see Note 4)
VCC = ±5 V,
VO = ±2.5 V
160
V/
µs
SR
Slew rate (see Note 4)
VCC = ±15 V,
VO = ±10 V
175
V/
µs
t
Settling time to 0 1%
5 V Step
VCC = ±15 V
125
ns
ts
Settling time to 0.1%
5 V Step
VCC = ±5 V
120
ns
THD
Total harmonic distortion
VCC = ±15 V,
fc = 1 MHz,
VO(PP)= 2 V,
Gain = 8 dB
–69
dBc
Gain = 20 dB,
VCC = ±15 V
65
,
VO(PP) = 0.4 V
VCC = ±5 V
60
BW
Small signal bandwidth ( 3 dB)
Gain = 2 dB,
VCC = ±15 V
75
MHz
BW
Small-signal bandwidth (–3 dB)
,
VO(PP) = 0.4 V
VCC = ±5 V
70
MHz
Gain = –22 dB,
VCC = ±15 V
80
,
VO(PP) = 0.4 V
VCC = ±5 V
70
Bandwidth for 0 1 dB flatness
Gain = 2 dB,
VCC = ±15 V
20
MHz
Bandwidth for 0.1 dB flatness
,
VO(PP) = 0.4 V
VCC = ±5 V
18
MHz
Full power bandwidth (see Note 5)
VO(PP) = 5 V,
VCC = ±5 V
10
MHz
Full power bandwidth (see Note 5)
VO(PP) = 20 V,
VCC = ±15 V
2.8
MHz
AD
Differential gain error
G = 8 dB,
100 IRE,
VCC = ±5 V
0.04%
AD
Differential gain error
G
8 dB,
100 IRE,
NTSC,
RL = 150 Ω
VCC = ±15 V
0.04%
φD
Differential phase error
G = 8 dB,
±100 IRE,
VCC = ±15 V
0.07
°
φD
Differential phase error
G
8 dB,
±100 IRE,
NTSC,
RL = 150 Ω
VCC = ±5 V
0.09
°
Gain accuracy (see Note 6)
Gain = –22 dB to 20 dB,
All 8 steps
TA = 25°C
–7.5%
0%
7.5%
Gain accuracy (see Note 6)
All 8 steps,
VCC = ±5 V or ±15 V
TA = full range
–8.5%
8.5%
Channel-to-channel gain accuracy
Gain = –22 dB to 20 dB,
All 8 steps
TA = 25°C
–5.5%
0%
5.5%
gy
(THS7002 only) (see Note 7)
All 8 steps,
VCC = ±5 V or ±15 V
TA = full range
–6.5%
6.5%
V
Input referred noise voltage
VCC = ±5 V or ±15 V,
Gain = 20 dB
10
nV/
√Hz
Vn
Input referred noise voltage
CC
,
f = 10 kHz
Gain = –22 dB
500
nV/
√Hz
PGA channel-to-channel crosstalk
(THS7002 only)
VCC = ±5 V or ±15 V,
f = 1 MHz
–77
dB
† Full range for the THS7001/02C is 0
°C to 70°C. Full range for the THS7001/02I is –40°C to 85°C.
NOTES:
4. Slew rate is measured from an output level range of 25% to 75%.
5. Full power bandwidth = slew rate/2
π VPEAK
6. Specified as –100
× (output voltage – (input voltage × gain))/(input voltage × gain)
7. Specified as 100
× (output voltage B– output voltage A)/output voltage A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com