Electronic Components Datasheet Search
  English  ▼

X  

THS7002EVM Datasheet(PDF) 9 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7002EVM Datasheet HTML 5Page - Texas Instruments THS7002EVM Datasheet HTML 6Page - Texas Instruments THS7002EVM Datasheet HTML 7Page - Texas Instruments THS7002EVM Datasheet HTML 8Page - Texas Instruments THS7002EVM Datasheet HTML 9Page - Texas Instruments THS7002EVM Datasheet HTML 10Page - Texas Instruments THS7002EVM Datasheet HTML 11Page - Texas Instruments THS7002EVM Datasheet HTML 12Page - Texas Instruments THS7002EVM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
3
2.5
2
1.5
1
0.5
–40
–20
0
20
40
60
TA – Free-AIR Temperature – _C
0
80
100
3.5
Preamp
VCC = ±15 V
PGA
VCC = ±5 V
Preamp
VCC = ±5 V
VCC = ±15 V
PGA
Figure 4
STANDBY SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
2
1.5
1
0.5
0
–0.5
–40
–20
0
20
40
60
80
100
Preamp – ICC
Preamp – IEE
PGA – IEE
PGA – ICC
TA – Free-Air Temperature – _C
VCC = ±15 V
Figure 5
QUIESCENT SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
9
8
7
6
5
–40
–20
0
20
40
60
TA – Free-Air Temperature – _C
4
3
Preamp
80
100
VCC = ±15 V
Preamp
VCC = ±5 V
PGA
VCC = ±5 V
Per Channel
PGA
VCC = ±15 V
Figure 6
PSRR
vs
FREQUENCY
120
100
80
60
40
20
10
100
1k
10k
100k
1M
0
f – Frequency – Hz
VCC = ±15 V & ±5 V
10M
PGA - VCC +
PGA - VCC –
Preamp - VCC + & VCC –
100M
Figure 7
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
3
2.5
2
1.5
1
0
–40
–20
0
20
40
60
80
100
PGA: VCC = ±15 V and ±5 V
TA – Free-Air Temperature – _C
Pre–Amp: VCC = ±15 V
Pre–Amp: VCC = ±5 V
0.5
Figure 8
100
10
1
100k
10M
100M
0.1
f – Frequency – Hz
1M
500M
0.01
VCC = ±15 V & ±5 V
V|(PP)= 2 V
PGA: G = –22 dB
PGA: G = +20 dB
Preamp: G = +2
CLOSED-LOOP OUTPUT
IMPEDANCE vs
FREQUENCY
Figure 9
PREAMP INPUT COMMON-MODE
VOLTAGE RANGE
vs
SUPPLY VOLTAGE
15
13
11
9
7
57
9
11
13
15
±VCC – Supply Voltage – V
5
3
TA = 25 _C
Figure 10
PREAMP OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
14
12
10
8
6
4
57
9
11
13
15
2
± VCC – Supply Voltage – V
RL = 250 Ω
TA = 25° C
RL = 1 kΩ
Figure 11
PREAMP CMRR
vs
FREQUENCY
f – Frequency – Hz
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
VCC = ±15 V and ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com