Electronic Components Datasheet Search
  English  ▼

X  

TL16PIR552 Datasheet(PDF) 39 Page - Texas Instruments

Part # TL16PIR552
Description  DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PIR552 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TL16PIR552 Datasheet HTML 35Page - Texas Instruments TL16PIR552 Datasheet HTML 36Page - Texas Instruments TL16PIR552 Datasheet HTML 37Page - Texas Instruments TL16PIR552 Datasheet HTML 38Page - Texas Instruments TL16PIR552 Datasheet HTML 39Page - Texas Instruments TL16PIR552 Datasheet HTML 40Page - Texas Instruments TL16PIR552 Datasheet HTML 41Page - Texas Instruments TL16PIR552 Datasheet HTML 42Page - Texas Instruments TL16PIR552 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
TL16PIR552
DUAL UART WITH DUAL IrDA AND
1284 PARALLEL PORT
SLLS222A – DECEMBER 1995 – REVISED AUGUST 1996
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
IR encoder and decoder (continued)
IR mode can be chosen through the use of SLR(6) with DLAB = 1. With DLAB = 1 and if SCR(6) = 1, IR mode
is selected. Built in multiplexers are used to choose the correct signal to input to the UART. Refer to Figure 28
for more detail.
IR
Encoder
M
U
X
0
1
IR_TX
M
U
X
0
1
tA
tB
SOUT
SOUT
To 232 Port
or IR Module
SCR 6
SIN
To ACE
IR
Decoder
SIN
From 232 Port
IRSIN From IR
Module
SOUT
From UART
Figure 28. TL16PIR552 Mode Select
IR
Encoder
Transmitter
IR
Decoder
Receiver
UART
SOUT
TX
BDOUT
CLK
SIN
RX
RCLK
CLK
MR
IR_TX
IR_RX
Figure 29. TL16PIR552 IR Encoder/Decoder
For encoding, the IR_TX is selected when SCR6 is set to 1. This sends IR_TX on the device SOUT terminal.
This signal can be used as an input to any IR transceiver (see Figure 29).
For decoding, the IRSIN from the device (this can be connected to any IR transceiver) goes through the IR
decode block and then it is the input to the UART (see Figure 29).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com