Electronic Components Datasheet Search
  English  ▼

X  

TL16PIR552 Datasheet(PDF) 42 Page - Texas Instruments

Part # TL16PIR552
Description  DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PIR552 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TL16PIR552 Datasheet HTML 38Page - Texas Instruments TL16PIR552 Datasheet HTML 39Page - Texas Instruments TL16PIR552 Datasheet HTML 40Page - Texas Instruments TL16PIR552 Datasheet HTML 41Page - Texas Instruments TL16PIR552 Datasheet HTML 42Page - Texas Instruments TL16PIR552 Datasheet HTML 43Page - Texas Instruments TL16PIR552 Datasheet HTML 44Page - Texas Instruments TL16PIR552 Datasheet HTML 45Page - Texas Instruments TL16PIR552 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
TL16PIR552
DUAL UART WITH DUAL IrDA AND
1284 PARALLEL PORT
SLLS222A – DECEMBER 1995 – REVISED AUGUST 1996
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 14. Mode Summary
MODE
DESCRIPTION
000
Centronics (default) mode, forward direction only
001
Bidirectional Centronics mode
010
Parallel port data FIFO mode
011
ECP Parallel port mode
100
EPP mode
110
Test mode
111
Configuration mode
mode switching
Mode switching is only allowed into and out of the modes 000 and 001. All 1284 negotiation takes place in these
two modes. Setting the mode to 011 (ECP Parallel Port mode) causes the hardware to initiate data transfer.
Switching out of modes 011 and 010 in the middle of a transfer or when data remains in the FIFO causes the
transfer to be aborted and the data to be lost.
data compression
The TL16PIR552 supports run length encoded (RLE) decompression in hardware and can transfer compressed
data to a peripheral. Run length encoded (RLE) compression in hardware is not supported. To transfer
compressed data in ECP mode, the compression count is written to the ECPAFIFO and a data byte is written
to the ECPDFIFO.
Compression is accomplished by counting identical bytes and transmitting an RLE byte that indicates how many
times the next byte is to be repeated. Decompression simply intercepts the RLE byte and repeats the following
byte the specified number of times. When a run-length count is received from a peripheral, the subsequent data
byte is replicated that specified number of times. A run-length count of zero specifies that only one byte of data
is represented by the next data byte. A run-length count of 127 indicates that the next byte should be expanded
to 128 bytes. To prevent data expansion, however, run-length counts of zero should be avoided.
The RLE command byte is loaded to the FIFO. Then the logic offloads this command to the decompression
counter to generate the correct number of decompressed data available. The logic asserts PDRQ only when
there are data bytes in the FIFO. Although the command byte is loaded to the FIFO, the PDRQ is not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com