Electronic Components Datasheet Search
  English  ▼

X  

TL16PIR552 Datasheet(PDF) 26 Page - Texas Instruments

Part # TL16PIR552
Description  DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PIR552 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TL16PIR552 Datasheet HTML 22Page - Texas Instruments TL16PIR552 Datasheet HTML 23Page - Texas Instruments TL16PIR552 Datasheet HTML 24Page - Texas Instruments TL16PIR552 Datasheet HTML 25Page - Texas Instruments TL16PIR552 Datasheet HTML 26Page - Texas Instruments TL16PIR552 Datasheet HTML 27Page - Texas Instruments TL16PIR552 Datasheet HTML 28Page - Texas Instruments TL16PIR552 Datasheet HTML 29Page - Texas Instruments TL16PIR552 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
TL16PIR552
DUAL UART WITH DUAL IrDA AND
1284 PARALLEL PORT
SLLS222A – DECEMBER 1995 – REVISED AUGUST 1996
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 3. Summary of Accessible Registers
REGISTER ADDRESS
0 DLAB = 0
0 DLAB = 0
1 DLAB = 0
2
2
3
4
5
6
7
0 DLAB = 1
1 DLAB = 1
BIT
NO.
Receiver
Buffer
Register
(Read
Only)
Transmitter
Holding
Register
(Write
Only)
Interrupt-
Enable
Register
Interrupt-
Ident.
Register
(Read
Only)
FIFO
Control
Register
(Write
Only)
Line-
Control
Register
Modem-
Control
Register
Line-
Status
Register
Modem-
Status
Register
Scratch
Register
Divisor
Latch
(LSB)
Divisor
Latch
(MSB)
RBR
THR
IER
IIR
FCR
LCR
MCR
LSR
MSR
SCR
DLL
DLM
0
Data Bit 0†
Data Bit 0
Enable
Received-
Data-
Available
Interrupt
(ERBI)
0 if
Interrupt
Pending
FIFO
Enable
Word-
Length
Select
Bit 0
(WLS0)
Data
Terminal
Ready
(DTR)
Data
Ready
(DR)
Delta
Clear
to Send
(
∆CTS)
Bit 0
Bit 0
Bit 8
1
Data Bit 1
Data Bit 1
Enable
Transmitter
Holding-
Register-
Empty
Interrupt
(ETBEI)
Interrupt
ID
Bit 1
Receiver
FIFO
Reset
Word-
Length
Select
Bit 1
(WLS1)
Request
to Send
(RTS)
Overrun
Error
(OE)
Delta
Data-
Set
Ready
(
∆DSR)
Bit 1
Bit 1
Bit 9
2
Data Bit 2
Data Bit 2
Enable
Receiver
Line-Status
Interrupt
(ELSI)
Interrupt
ID
Bit 2
Transmitter
FIFO
Reset
Number
of
Stop Bits
(STB)
OUT1
(an unused
internal
signal)
Parity
Error
(PE)
Trailing-
Edge Ring
Indicator
(TERI)
Bit 2
Bit 2
Bit 10
3
Data Bit 3
Data Bit 3
Enable
Modem-
Status
Interrupt
(EDSSI)
Interrupt
ID
Bit 3
(see
Note 6)
DMA
Mode
Select
Parity
Enable
(PEN)
OUT2
Enable
external
interrupt
(INT0 or
INT1)
Framing
Error
(FE)
Delta
Data-
Carrier
Detect
(
∆DCD)
Bit 3
Bit 3
Bit 11
4
Data Bit 4
Data Bit 4
0
0
Reserved
Even-
Parity
Select
(EPS)
Loop
Break
Interrupt
(BI)
Clear
to
Send
(CTS)
Bit 4
Bit 4
Bit 12
5
Data Bit 5
Data Bit 5
0
0
Reserved
Stick
Parity
Autoflow
Control
Enable
(AFE)
Transmitter
Holding
Register
(THRE)
Data
Set
Ready
(DSR)
Bit 5
Bit 5
Bit 13
6
Data Bit 6
Data Bit 6
0
FIFOs
Enabled
(see
Note 6)
Receiver
Trigger
(LSB)
Break
Control
0
Transmitter
Empty
(TEMT)
Ring
Indicator
(RI)
Bit 6
Bit 6
Bit 14
7
Data Bit 7
Data Bit 7
0
FIFOs
Enabled
(see
Note 6)
Receiver
Trigger
(MSB)
Divisor-
Latch
Access
Bit
(DLAB)
0
Error in
RCVR
FIFO
(see
Note 4)
Data-
Carrier
Detect
(DCD)
Bit 7
Bit 7
Bit 15
† Bit 0 is the least significant bit. It is the first bit serially transmitted or received.
NOTE 6: These bits are always 0 in the TL16C450 mode. When DLAB = 1, the six least significant bits of the scratch register contain the prescaler
value. IR logic is selected if the seventh bit of the scratch register is set to 1. Otherwise UART output is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com