Electronic Components Datasheet Search
  English  ▼

X  

TL16PIR552 Datasheet(PDF) 33 Page - Texas Instruments

Part # TL16PIR552
Description  DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PIR552 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TL16PIR552 Datasheet HTML 29Page - Texas Instruments TL16PIR552 Datasheet HTML 30Page - Texas Instruments TL16PIR552 Datasheet HTML 31Page - Texas Instruments TL16PIR552 Datasheet HTML 32Page - Texas Instruments TL16PIR552 Datasheet HTML 33Page - Texas Instruments TL16PIR552 Datasheet HTML 34Page - Texas Instruments TL16PIR552 Datasheet HTML 35Page - Texas Instruments TL16PIR552 Datasheet HTML 36Page - Texas Instruments TL16PIR552 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
TL16PIR552
DUAL UART WITH DUAL IrDA AND
1284 PARALLEL PORT
SLLS222A – DECEMBER 1995 – REVISED AUGUST 1996
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
modem status register (MSR) (continued)
Bit 2: Trailing edge-of-the-ring indicator (TERI) detector. TERI indicates that the RI input to the chip has changed
from a low to a high level. When TERI is set to 1 and the modem status interrupt is enabled, a modem status
interrupt is generated.
Bit 3: Change in data carrier detect (
∆DCD) indicator. ∆DCD indicates that the DCD input to the chip has
changed state since the last time it was read by the CPU. When
∆DCD is set to 1 and the modem status interrupt
is enabled, a modem status interrupt is generated.
Bit 4: Complement of the clear to send (CTS) input. When the UART is in the diagnostic test mode (LOOP
[MCR4] = 1), this bit is equal to the modem control register bit 1 (RTS).
Bit 5: Complement of the data set ready (DSR) input. When the UART is in the diagnostic test mode (LOOP
[MCR4] = 1), this bit is equal to the modem control register bit 0 (DTR).
Bit 6: Complement of the ring indicator (RI) input. When the UART is in the diagnostic test mode (LOOP
[MCR4] = 1), this bit is equal to the modem control register bit 2 (OUT1).
Bit 7: Complement of the data carrier detect (DCD) input. When the UART is in the diagnostic test mode (LOOP
[MCR4] = 1), this bit is equal to the modem control register bit 3 (OUT2).
scratch register (SCR)
The scratch register is an 8-bit register that is intended for programmer use as a scratchpad in the sense that
it temporarily holds the programmer data without affecting any other UART operation.
prescaler
When DLAB = 1, the six least significant bits of the scratch register contain the prescaler value. IR logic is
selected when the seventh bit is set to 1. Otherwise UART output is selected. After reset, UART0 is in IR mode
and UART1 is in UART mode.
prescaler descriptions
The clock prescaler allows for the divisor from 0 to 31.5 in 0.5 increments (scr(0) is the half-bit divider). The
divisor value is loaded from scratch register with DLAB = 1. The output of the divisor feeds the UART clock. A
programmed divisor between 2 and 7.5 drives the UART clock low for one XIN clock cycle for integer divisor
and 1.5 XIN clock cycles for integer-plus a half clock divisor. A programmed divisor of eight or greater drives
the UART clock low for four XIN clock cycles for integer divisors and 4.5 XIN clock cycles for integer-plus-a-half
divisor. Based on the above parameters, the acceptable XIN/divisor combinations can be derived. The precision
of the programmable clock generator for integer-plus-a-half divisor depends on the closeness to a 50% duty
cycle for the XIN input clock.
Example: When the oscillator frequency is 22 Mhz (see Table 9).
Table 9. Typical Prescaler Example
XIN
PRESCALER DIVISOR
UART CLOCK
UART DIVISOR
BAUD RATE
22.118 Mhz
5.5
4 Mhz
8
31.25k
22.118 Mhz
3
7.33 Mhz
1
458K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com