Electronic Components Datasheet Search
  English  ▼

X  

TMS320C10 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320C10
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 44Page - Texas Instruments TMS320C10 Datasheet HTML 45Page - Texas Instruments TMS320C10 Datasheet HTML 46Page - Texas Instruments TMS320C10 Datasheet HTML 47Page - Texas Instruments TMS320C10 Datasheet HTML 48Page - Texas Instruments TMS320C10 Datasheet HTML 49Page - Texas Instruments TMS320C10 Datasheet HTML 50Page - Texas Instruments TMS320C10 Datasheet HTML 51Page - Texas Instruments TMS320C10 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 146 page
background image
TMS320E14, TMS320P14
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
48
1234h
5678h
9ABCh
DEFOh
.
.
.
0(0000h)
1(000Ah)
2(0002h)
3(0003h)
.
.
.
4095(0FFh)
TMS320C14 On-Chip
Program Memory
(Word Format)
0(0000h)
1(0001h)
2(0002h)
3(0003h)
4(0004h)
5(0005h)
6(0006h)
7(0007h)
.
.
.
0(0000h)
1(0001h)
2(0002h)
3(0003h)
4(0004h)
5(0005h)
6(0006h)
7(0007h)
.
.
.
8191(1FFFh)
TMS320E14 and
TMS320P14 On-
Chip
Program Memory
(Byte Format)
EPROM
Programmer
Memory
Byte Format with
Adapter Socket
34h
12h
78h
56h
BCh
9Ah
FOh
DEh
.
.
.
12h
34h
56h
78h
9Ah
BCh
DEh
FOh
.
.
.
Figure 6. Programming Data Format
Figure 7 shows the wiring conversion to program the
′E14 and ′P14 using the 28-pin pinout of the TMS27C64.
The table of pin nomenclature provides a description of the TMS27C64 pins.
CAUTION
The
′E14 and ′P14 do not support the signature mode available with some EPROM programmers.
The signature mode places high voltage (12.5 Vdc) on pin A9. The ′E14 and ′P14 EPROM cells are
not designed for this feature and will be damaged if subjected to it. A 3.9 k
Ω resistor is standard
on the TI programmer socket between pin A9 and programmer. This protects the device from
unintentional use of the signature mode.
3.9 k
Ω
A0
A1
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
61
62
63
64
65
66
67
68
1
2
3
4
5
6
7
8
9
CLKIN
G
E
VPP
EPT
PGM
A12
A11
A10
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Q4
Q5
Q6
Q7
Q8
E
A10
G
A11
A9
A8
EPT
PGM
VCC
GND
Q3
Q2
Q1
A0
A1
A2
A3
A4
A5
A6
A7
A12
VPP
TMS27C64 Pinout
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TMS320E14
TMS320P14
Figure 7. TMS320E14/P14 EPROM Programming Conversion to TMS27C64 EPROM Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com