Electronic Components Datasheet Search
  English  ▼

X  

TMS320C10 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320C10
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 67Page - Texas Instruments TMS320C10 Datasheet HTML 68Page - Texas Instruments TMS320C10 Datasheet HTML 69Page - Texas Instruments TMS320C10 Datasheet HTML 70Page - Texas Instruments TMS320C10 Datasheet HTML 71Page - Texas Instruments TMS320C10 Datasheet HTML 72Page - Texas Instruments TMS320C10 Datasheet HTML 73Page - Texas Instruments TMS320C10 Datasheet HTML 74Page - Texas Instruments TMS320C10 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 146 page
background image
TA = – 40°C to 85°C
TMS320LC15
DIGITAL SIGNAL PROCESSOR
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
71
CLOCK CHARACTERISTICS AND TIMING
The
′LC15 can use either its internal oscillator or an external frequency source for a clock.
internal clock option
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN (see Figure 1). The frequency
of CLKOUT is one-fourth the crystal fundamental frequency. The crystal should be fundamental mode, and
parallel resonant, with an effective series resistance of 30 ohms, a power dissipation of 1 mW, and be specified
at a load capacitance of 20 pF.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Crystal frequency fx
4.0
16
MHz
C1, C2
10
pF
external clock option
An external frequency source can be used by injecting the frequency directly into X2/CLKIN with X1 left
unconnected. The external frequency injected must conform to the specifications listed in the table below.
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tc(C)
CLKOUT cycle time†
250
1000
ns
tr(C)
CLKOUT rise time
RL = 825 Ω,
10‡
ns
tf(C)
CLKOUT fall time
CL = 100 pF,
8‡
ns
tw(CL)
Pulse duration, CLKOUT low
(see Figure 2)
117‡
ns
tw(CH)
Pulse duration, CLKOUT high
115‡
ns
td(MCC) Delay time, CLKIN↑ to CLKOUT↓
20
70
ns
timing requirements over recommended operating conditions
MIN
NOM
MAX
UNIT
tc(MC)
Master clock cycle time
62.5
150
ns
tr(MC)
Rise time, master clock input
5‡
10†
ns
tf(MC)
Fall time, master clock input
5‡
10†
ns
tw(MCP) Pulse duration, master clock
0.4 t c(MC)‡
0.6 t c(MC)‡
ns
tw(MCL) Pulse duration, master clock low at tc(MC) min
26
ns
tw(MCH) Pulse duration, master clock high at tc(MC) min
26
ns
† tc(C) is the cycle time of CLKOUT, i.e., 4tc(MC) (4 times CLKIN cycle time if an external oscillator is used)
‡ Values derived from characterization data and not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com