Electronic Components Datasheet Search
  English  ▼

X  

TMS320C10 Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320C10
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 68Page - Texas Instruments TMS320C10 Datasheet HTML 69Page - Texas Instruments TMS320C10 Datasheet HTML 70Page - Texas Instruments TMS320C10 Datasheet HTML 71Page - Texas Instruments TMS320C10 Datasheet HTML 72Page - Texas Instruments TMS320C10 Datasheet HTML 73Page - Texas Instruments TMS320C10 Datasheet HTML 74Page - Texas Instruments TMS320C10 Datasheet HTML 75Page - Texas Instruments TMS320C10 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 146 page
background image
TMS320LC15
DIGITAL SIGNAL PROCESSOR
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
72
electrical characteristics over specified temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ICC‡
f = 16.0 MHz, VCC = 3.6 V, TA = 0°C to 70°C
15
20
mA
† All typical values are at TA = 70°C and are used for thermal resistance calculations.
‡ ICC characteristics are inversely proportional to temperature. For ICC dependence on frequency, see figure below.
typical power vs. frequency graph (outputs unloaded)§
20.0
15.0
10.0
5.0
0.0
CLKIN Frequency, MHz
–40
°C to 85°C Temperature Range
24
6
8
10
12
14
VCC = 3.5 V
VCC = 3 V
0
16
§ Device operation is not guaranteed below 4 MHz CLKIN.
Graph is for device in RESET; i.e., only clock-out is driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com