Electronic Components Datasheet Search
  English  ▼

X  

TMS320C10 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320C10
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 61Page - Texas Instruments TMS320C10 Datasheet HTML 62Page - Texas Instruments TMS320C10 Datasheet HTML 63Page - Texas Instruments TMS320C10 Datasheet HTML 64Page - Texas Instruments TMS320C10 Datasheet HTML 65Page - Texas Instruments TMS320C10 Datasheet HTML 66Page - Texas Instruments TMS320C10 Datasheet HTML 67Page - Texas Instruments TMS320C10 Datasheet HTML 68Page - Texas Instruments TMS320C10 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
TMS320E15, TMS320P15
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
65
PROGRAMMING THE TMS320E15/P15 EPROM CELL
′E15/P15 devices include a 4K × 16-bit industry-standard EPROM cell for prototyping, early field testing, and
low-volume production. In conjunction with this EPROM, the
′E15/P15 with a 4K-word masked ROM, then,
provide more migration paths for cost-effective production.
EPROM adapter sockets are available that provide pin-to-pin conversions for programming any
′E15/P15
devices. One adapter socket (part number RTC/PGM320C-06), shown in Figure 8, converts a 40-pin DIP device
into an equivalent 28-pin device. Another socket (part number RTC/PGM320A-06), not shown, permits 44- to
28-pin conversion.
Figure 8. EPROM Adapter Socket (40-pin to 28-pin DIP Conversion)
Key features of the EPROM cell include the normal programming operation as well as verification. The EPROM
cell also includes a code protection feature that allows code to be protected against copyright violations.
The
′E15/P15 EPROM cell is programmed using the same family and device pinout codes as the TMS27C64
8K
× 8-bit EPROM. The TMS27C64 EPROM series are unltraviolet-light erasable, electrically programmable,
read-only memories, fabricated using HVCMOS technology. They are pin-compatible with existing 28-pin
ROMs and EPROMs. These EPROMs operate from a single 5-V supply in the read mode; however, a 12.5-V
supply is needed for programming. All programming signals are TTL level. For programming outside the system,
existing EPROM programmers can be used. Locations may be programmed singly, in blocks, or at random.
Figure 9 shows the wiring conversion to program the
′E15/P15 using the 28-pin pinout of the TMS27C64.
Table 5 on pin nomenclature provides a description of the TMS27C64 pins. The code to be programmed into
the device should be in serial mode. The
′E15/P15 devices use 13 address lines to address 4K-word memory
in byte format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com