Electronic Components Datasheet Search
  English  ▼

X  

TMS320C10 Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320C10
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 94Page - Texas Instruments TMS320C10 Datasheet HTML 95Page - Texas Instruments TMS320C10 Datasheet HTML 96Page - Texas Instruments TMS320C10 Datasheet HTML 97Page - Texas Instruments TMS320C10 Datasheet HTML 98Page - Texas Instruments TMS320C10 Datasheet HTML 99Page - Texas Instruments TMS320C10 Datasheet HTML 100Page - Texas Instruments TMS320C10 Datasheet HTML 101Page - Texas Instruments TMS320C10 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 146 page
background image
TMS320C17, TMS320E17, TMS320LC17, TMS320P17
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
98
Table 7. Serial Clock (SCLK) Divide Ratios (X2/CLKIN = 20.48 MHz)
CR27
CR26
CR25
CR24
DIVIDE RATIO
SCLK FREQUENCY
UNIT
0
0
0
0
32
0.640
MHz
0
0
0
1
28
0.731
MHz
0
0
1
0
24
0.853
MHz
0
1
0
0
20
1.024
MHz
1
0
0
0
16
1.280
MHz
1
0
0
1
14
1.463
MHz
1
0
1
0
12
1.706
MHz
1
1
0
0
10
2.048
MHz
The specification for
µ-law and A-law log PCM coding is part of the CCITT G.711 recommendation. The
following diagram shows a
′C17/E17/P17 interface to two codecs as used for µ-law or A-law companding format.
DX0
DR0
SCLK
FR
DX1
DR1
VSS
VCC
MC
MC/PM
X2
X1
+5 V
PCM In
PCM Out
CLKR/X
FSX
FSR
TCM29C13
PCM In
PCM Out
CLKR/X
FSX
FSR
TCM29C13
Analog Out
Analog In
Analog Out
Analog In
TMS320C17/E17/P17
coprocessor port
The coprocessor port, accessed through I/O port 5 using IN and OUT instructions, provides a direct connection
to most 4/8-bit microcomputers and 16/32-bit micorprocessors. The coprocessor interface allows the
′C17/E17/P17 to act as a peripheral (slave) microcomputer to a microprocessor, or a master to a peripheral
microcomputer such as TMS7042. The coprocessor port is enabled by setting MC/PM and MC low. The
microcomputer mode is enabled by setting these two pins high. (Note that MC/PM
≠ MC is undefined.)
In the microcomputer mode, the 16 data lines are used for the 6 parallel 16-bit I/O ports.
In the coprocessor mode, the 16-bit coprocessor port is reconfigured to operate as a 16-bit latched bus interface.
Control bit 30 (CR30) in control register 1 is used to configure the coprocessor port to either an 8-bit or a 16-bit
length. When CR30 is high, the coprocessor port is 16 bits wide thereby making all 16 bits of the data port
available for 16-bit transfers to 16 and 32-bit microprocessors. When CR30 is low, the port is 8-bits wide and
mapped to the low byte of the data port for interfacing to 8-bit microcomputers. When operating in the 8-bit mode,
both halves of the 16-bit latch can be addressed using the HI/LO pin, thus allowing 16-bit transfers over 8 data
lines. When not in the coprocessor mode, port 5 can be used as a generic I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com