Electronic Components Datasheet Search
  English  ▼

X  

TMS320C206 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C206
Description  DIGITAL SIGNAL PROCESSORS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C206 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C206 Datasheet HTML 35Page - Texas Instruments TMS320C206 Datasheet HTML 36Page - Texas Instruments TMS320C206 Datasheet HTML 37Page - Texas Instruments TMS320C206 Datasheet HTML 38Page - Texas Instruments TMS320C206 Datasheet HTML 39Page - Texas Instruments TMS320C206 Datasheet HTML 40Page - Texas Instruments TMS320C206 Datasheet HTML 41Page - Texas Instruments TMS320C206 Datasheet HTML 42Page - Texas Instruments TMS320C206 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TMS320C206, TMS320LC206
DIGITAL SIGNAL PROCESSORS
SPRS065B – JUNE 1998 – REVISED JANUARY 1999
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLOAD
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
=
2 mA (all outputs)
IOH
=
300
µA (all outputs)
VLOAD =
1.5 V
CT
=
40-pF typical load-circuit capacitance
Figure 6. Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com