Electronic Components Datasheet Search
  English  ▼

X  

TMS320C206 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C206
Description  DIGITAL SIGNAL PROCESSORS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C206 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320C206 Datasheet HTML 11Page - Texas Instruments TMS320C206 Datasheet HTML 12Page - Texas Instruments TMS320C206 Datasheet HTML 13Page - Texas Instruments TMS320C206 Datasheet HTML 14Page - Texas Instruments TMS320C206 Datasheet HTML 15Page - Texas Instruments TMS320C206 Datasheet HTML 16Page - Texas Instruments TMS320C206 Datasheet HTML 17Page - Texas Instruments TMS320C206 Datasheet HTML 18Page - Texas Instruments TMS320C206 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
TMS320C206, TMS320LC206
DIGITAL SIGNAL PROCESSORS
SPRS065B – JUNE 1998 – REVISED JANUARY 1999
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
central arithmetic logic unit (continued)
The CALU overflow-saturation mode can be enabled/disabled by setting/resetting the OVM bit of ST0. Setting
the OVM status-register bit selects the overflow-saturation mode. When the CALU is in the overflow-saturation
mode and an overflow occurs, the overflow flag is set and the accumulator is loaded with either the most positive
or the most negative value representable in the accumulator, depending upon the direction of the overflow. The
value of the accumulator upon saturation is 07FFFFFFFh (positive) or 080000000h (negative). If the OVM
(overflow mode) status register bit is reset and an overflow occurs, the overflowed results are loaded into the
accumulator without modification. (Logical operations cannot result in overflow.)
The CALU can execute a variety of branch instructions that depend on the status of the CALU and accumulator.
These instructions can be executed conditionally, based on various combinations of the associated status bits.
For overflow management, these conditions include the OV (branch on overflow) and EQ (branch on
accumulator equal to zero). In addition, the BACC (branch to address in accumulator) instruction provides the
ability to branch to an address specified by the accumulator (computed goto). Bit-test instructions (BIT and
BITT), which do not affect the accumulator, allow the testing of a specified bit of a word in data memory.
The CALU also has a carry bit (bit 9 of status register ST1) that facilitates efficient computation of
extended-precision products and additions or subtractions. The carry bit is also useful in overflow management.
The carry bit is affected by the following operations:
D Additions to and subtractions from the accumulator:
C = 0: When the result of a subtraction generates a borrow.
When the result of an addition does not generate a carry. (Exception: When the ADD instruction is
used with a shift of 16 and no carry is generated, the ADD instruction has no effect on C.)
C = 1: When the result of an addition generates a carry.
When the result of a subtraction does not generate a borrow. (Exception: When the SUB instruction
is used with a shift of 16 and no borrow is generated, the SUB instruction has no effect on C.)
D Single-bit shifts and rotations of the accumulator value. During a left shift or rotation, the most significant
bit of the accumulator is passed to C; during a right shift or rotation, the least significant bit is passed to C.
Note: the carry bit is set to “1” on a hardware reset.
The ADDC (add to accumulator with carry) and SUBB (subtract from accumulator with borrow) instructions use
the previous value of carry in their addition/subtraction operation.
accumulator
The 32-bit accumulator is the registered output of the CALU. It can be split into two 16-bit segments for storage
in data memory. Shifters at the output of the accumulator provide a left shift of 0 to 7 places. This shift is
performed while the data is being transferred to the data bus for storage. The contents of the accumulator
remain unchanged. When the post-scaling shifter is used on the high word of the accumulator (bits 16–31), the
MSBs are lost and the LSBs are filled with bits shifted in from the low word (bits 0–15). When the postscaling
shifter is used on the low word, the LSBs are zero-filled.
The SFL and SFR (in-place one-bit shift to the left / right) instructions and the ROL and ROR (rotate to the
left/right) instructions implement shifting or rotating of the accumulator contents through the carry bit. The SXM
bit affects the definition of the SFR (shift accumulator right) instruction. When SXM = 1, SFR performs an
arithmetic right shift, maintaining the sign of the accumulator data. When SXM = 0, SFR performs a logical shift,
shifting out the LSBs and shifting in a zero for the MSB. The SFL (shift accumulator left) instruction is not affected
by the SXM bit and behaves the same way in both cases, shifting out the MSB and shifting in a zero. Repeat
(RPT) instructions can be used with the shift and rotate instructions for multiple-bit shifts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com