Electronic Components Datasheet Search
  English  ▼

X  

TMS320C206 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C206
Description  DIGITAL SIGNAL PROCESSORS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C206 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320C206 Datasheet HTML 38Page - Texas Instruments TMS320C206 Datasheet HTML 39Page - Texas Instruments TMS320C206 Datasheet HTML 40Page - Texas Instruments TMS320C206 Datasheet HTML 41Page - Texas Instruments TMS320C206 Datasheet HTML 42Page - Texas Instruments TMS320C206 Datasheet HTML 43Page - Texas Instruments TMS320C206 Datasheet HTML 44Page - Texas Instruments TMS320C206 Datasheet HTML 45Page - Texas Instruments TMS320C206 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
TMS320C206, TMS320LC206
DIGITAL SIGNAL PROCESSORS
SPRS065B – JUNE 1998 – REVISED JANUARY 1999
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
CLOCK CHARACTERISTICS AND TIMING
clock options
PARAMETER
DIV2
DIV1
Internal divide-by-two with external crystal or external oscillator
0
0
PLL multiply-by-one
0
1
PLL multiply-by-two
1
0
PLL multiply-by-four
1
1
internal divide-by-two clock option with external crystal†
The internal oscillator is enabled by connecting a crystal across X1 and CLKIN/X2. The crystal should be in
either fundamental or overtone operation and parallel resonant, with an effective series resistance of 30
Ω and
a power dissipation of 1 mW; it should be specified at a load capacitance of 20 pF. Note that overtone crystals
require an additional tuned-LC circuit. Figure 9 shows an external crystal (fundamental frequency) connected
to the on-chip oscillator.
X1
CLKIN/X2
C1
C2
Crystal
NOTE A: Texas Instruments encourages customers to submit samples of the device to the resonator/crystal vendor for full characterization.
Figure 9. Internal Clock Option
† PLL modes can also be used with the on-chip oscillator. However, in this case, the PLL lock time should be based on stable clock from the on-chip
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com