Electronic Components Datasheet Search
  English  ▼

X  

TMS418160ADZ Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS418160ADZ
Description  1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418160ADZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS418160ADZ Datasheet HTML 6Page - Texas Instruments TMS418160ADZ Datasheet HTML 7Page - Texas Instruments TMS418160ADZ Datasheet HTML 8Page - Texas Instruments TMS418160ADZ Datasheet HTML 9Page - Texas Instruments TMS418160ADZ Datasheet HTML 10Page - Texas Instruments TMS418160ADZ Datasheet HTML 11Page - Texas Instruments TMS418160ADZ Datasheet HTML 12Page - Texas Instruments TMS418160ADZ Datasheet HTML 13Page - Texas Instruments TMS418160ADZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TMS418160A
1048576 BY 16-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMKS891C – AUGUST 1996 – REVISED OCTOBER 1997
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
VTH
RL
Output Under Test
CL = 100 pF
(a) LOAD CIRCUIT
VDD
R1
Output Under Test
(b) ALTERNATE LOAD CIRCUIT
R2
CL = 100 pF
NOTE A: CL includes probe and fixture capacitance.
(see Note A)
(see Note A)
DEVICE
VDD (V)
R1 (
Ω)
R2 (
Ω)
VTH (V)
RL (Ω )
’418160A
5
828
295
1.31
218
Figure 2. Load Circuits for Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com