Electronic Components Datasheet Search
  English  ▼

X  

TLV2460CDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2460CDBVT Datasheet HTML 4Page - Texas Instruments TLV2460CDBVT Datasheet HTML 5Page - Texas Instruments TLV2460CDBVT Datasheet HTML 6Page - Texas Instruments TLV2460CDBVT Datasheet HTML 7Page - Texas Instruments TLV2460CDBVT Datasheet HTML 8Page - Texas Instruments TLV2460CDBVT Datasheet HTML 9Page - Texas Instruments TLV2460CDBVT Datasheet HTML 10Page - Texas Instruments TLV2460CDBVT Datasheet HTML 11Page - Texas Instruments TLV2460CDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
8
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
ci(c)
Common-mode input
capacitance
f = 10 kHz
25
°C
7
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
33
Ω
VICR = 0 to 3 V,
25
°C
66
80
CMRR
Common-mode rejection ratio
VICR = 0 to 3 V,
RS = 50 Ω
TLV246xC
Full range
64
dB
CMRR
Common-mode rejection ratio
RS = 50 Ω
TLV246xI/Q/M
Full range
60
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
80
85
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
75
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
85
95
dB
( VDD / VIO)
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
80
IDD
Supply current (per channels)
VO = 1.5 V,
No load
25
°C
0.5
0.575
mA
IDD
Supply current (per channels)
VO = 1.5 V,
No load
Full range
0.9
mA
IDD(SHDN)
Supply current in shutdown
SHDN < 0.7 V,
25
°C
0.3
A
IDD(SHDN)
Supply current in shutdown
(TLV2460, TLV2463, TLV2465)
SHDN < 0.7 V,
Per channel in shutdown
Full range
2.5
µA
† Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix.
operating characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VO(PP) = 0.8 V,
CL = 160 pF,
25
°C
0.9
1.6
SR
Slew rate at unity gain
VO(PP) = 0.8 V,
RL = 10 kΩ
CL = 160 pF,
Full
range
0.8
V/
µs
Vn
Equivalent input noise voltage
f = 100 Hz
25
°C
16
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
11
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.13
pA /
√Hz
Total harmonic distortion plus
VO(PP) = 2 V,
AV = 1
0.006%
THD + N
Total harmonic distortion plus
noise
VO(PP) = 2 V,
RL = 10 kΩ, f = 1 kHz
AV = 10
25
°C
0.02%
THD + N
noise
RL = 10 kΩ, f = 1 kHz
AV = 100
25 C
0.08%
Both channels
7.6
t(on)
Amplifier turnon time
AV = 1, RL = 10 kΩ
Channel 1 only,
Channel 2 on
25
°C
7.65
µs
Both channels
333
t(off)
Amplifier turnoff time
AV = 1, RL = 10 kΩ
Channel 1 only,
Channel 2 on
25
°C
328
ns
t(off)
Amplifier turnoff time
AV = 1, RL = 10 kΩ
Channel 2 only,
Channel 1 on
25 C
329
ns
Gain-bandwidth product
f = 10 kHz, CL = 160 pF
RL = 10 kΩ,
25
°C
5.2
MHz
V(STEP)PP = 2 V,
AV = −1, CL = 10 pF,
0.1%
1.47
ts
Settling time
(STEP)PP
AV = −1, CL = 10 pF,
RL = 10 kΩ
0.01%
25
°C
1.78
s
ts
Settling time
V(STEP)PP = 2 V,
AV = −1, CL = 56 pF,
0.1%
25
°C
1.77
µs
(STEP)PP
AV = −1, CL = 56 pF,
RL = 10 kΩ
0.01%
1.98
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 160 pF
25
°C
44
°
Gain margin
RL = 10 kΩ,
CL = 160 pF
25
°C
7
dB
† Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com