Electronic Components Datasheet Search
  English  ▼

X  

TLV2460CDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2460CDBVT Datasheet HTML 10Page - Texas Instruments TLV2460CDBVT Datasheet HTML 11Page - Texas Instruments TLV2460CDBVT Datasheet HTML 12Page - Texas Instruments TLV2460CDBVT Datasheet HTML 13Page - Texas Instruments TLV2460CDBVT Datasheet HTML 14Page - Texas Instruments TLV2460CDBVT Datasheet HTML 15Page - Texas Instruments TLV2460CDBVT Datasheet HTML 16Page - Texas Instruments TLV2460CDBVT Datasheet HTML 17Page - Texas Instruments TLV2460CDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
14
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 9
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
10k
100k
10M
f − Frequency − Hz
1M
3
2
1
0
2.5
1.5
0.5
VDD = 3 V
AV = −10
THD = 1%
RL = 10 kΩ
Figure 10
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
10k
100k
10M
f − Frequency − Hz
1M
3
2
1
0
2.5
1.5
0.5
VDD = 5 V
AV = −10
THD = 1%
RL = 10 kΩ
3.5
5
4
5.5
4.5
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
40
20
0
−20
100
10k
f − Frequency − Hz
50
30
10
−10
1k
100k
1M
60
80
10
70
90
−140
°
−200
°
−120
°
−100
°
−80
°
100
−60
°
−40
°
−20
°
0
°
20
°
40
°
−180
°
−160
°
10M
AVD
Phase
VDD = ±1.5 V
RL = 10 kΩ
CL = 0
TA = 25°C
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com