Electronic Components Datasheet Search
  English  ▼

X  

TLV2460CDBVT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV2460CDBVT Datasheet HTML 25Page - Texas Instruments TLV2460CDBVT Datasheet HTML 26Page - Texas Instruments TLV2460CDBVT Datasheet HTML 27Page - Texas Instruments TLV2460CDBVT Datasheet HTML 28Page - Texas Instruments TLV2460CDBVT Datasheet HTML 29Page - Texas Instruments TLV2460CDBVT Datasheet HTML 30Page - Texas Instruments TLV2460CDBVT Datasheet HTML 31Page - Texas Instruments TLV2460CDBVT Datasheet HTML 32Page - Texas Instruments TLV2460CDBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
29
WWW.TI.COM
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
 Release 8, the model generation
software used with Microsim PSpice
. The Boyle macromodel (see Note 2) and subcircuit in Figure 54 are
generated using the TLV246x typical electrical and operating characteristics at TA = 25°C. Using this
information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most
cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 2: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Intergrated Circuit Operational Amplifiers”, IEEE
Journal of Solid-State Circuits, SC-9, 353 (1974).
+
−
+
−
+
−
+
−
+
−
.SUBCKT TLV246X 1 2 3 4 5
C1
11
12
2.46034E−12
C2
6
7
10.0000E−12
CSS
10
99
443.21E−15
DC
5
53
DY
DE
54
5
DY
DLP
90
91
DX
DLN
92
90
DX
DP
43DX
EGND
99
0
POLY (2) (3,0) (4,0) 0 .5 .5
FB
7
99
POLY (5) VB VC VE VLP
+ VLN 0 21.600E6 −1E3 1E3 22E6 −22E6
GA
6
0
11
12 345.26E−6
GCM
0
6
10
99 15.4226E−9
ISS
10
4
DC 18.850E−6
HLIM
90
0
VLIM 1K
J1
11
2
10 JX1
J2
12
1
10 JX2
R2
6
9
100.00E3
RD1
3
11
2.8964E3
RD2
3
12
2.8964E3
R01
8
5
5.6000
R02
7
99
6.2000
RP
3
4
8.9127
RSS
10
99
10.610E6
VB
9
0
DC 0
VC
3
53
DC .7836
VE
54
4
DC .7436
VLIM
7
8
DC 0
VLP
91
0
DC 117
VLN
0
92
DC 117
.MODEL DX D (IS=800.00E−18)
.MODEL DY D (IS=800.00E−18 Rs = 1m Cjo=10p)
.MODEL JX1 NJF (IS=1.0000E−12 BETA=6.3239E−3
+ VTO= −1)
.MODEL JX2 NJF (IS=1.0000E−12 BETA=6.3239E−3
+ VTO= −1)
.ENDS
VDD +
RP
IN −
2
IN +
1
GND
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
DP
VD
DC
4
C1
53
EGND
FB
HLIM
90
DLP
91
DLN
92
VLN
VLP
99
CSS
+
−
VE
DE
54
OUT
+
−
+
−
R2
6
9
VB
C2
GA
VLIM
8
5
RO1
RO2
7
GCM
Figure 54. Boyle Macromodels and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com