Electronic Components Datasheet Search
  English  ▼

X  

TLV2460CDBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2460CDBVT Datasheet HTML 20Page - Texas Instruments TLV2460CDBVT Datasheet HTML 21Page - Texas Instruments TLV2460CDBVT Datasheet HTML 22Page - Texas Instruments TLV2460CDBVT Datasheet HTML 23Page - Texas Instruments TLV2460CDBVT Datasheet HTML 24Page - Texas Instruments TLV2460CDBVT Datasheet HTML 25Page - Texas Instruments TLV2460CDBVT Datasheet HTML 26Page - Texas Instruments TLV2460CDBVT Datasheet HTML 27Page - Texas Instruments TLV2460CDBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
24
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 44
VDD = 3 V
VI(PP) = 1 V
VI = 1.5 V
RL = 10 kΩ
CL = 160 pF
AV = −1
TA = 25°C
1.1
0.5
0.9
0.7
−0.2
0
0.2
0.4
1
t − Time −
µs
0.8
0.6
1.2 1.4
INVERTING LARGE SIGNAL
1.9
1.5
1.7
1.3
1.6 1.8
2.3
2.1
Input
Output
Figure 45
VDD = 5 V
VI(PP) = 2 V
VI = 2.5 V
RL = 10 kΩ
CL = 160 pF
AV = −1
TA = 25°C
2.5
1
2
1.5
−0.2
0
0.2
0.4
1
t − Time −
µs
0.8
0.6
1.2 1.4
INVERTING LARGE SIGNAL
3.5
4
3
1.6 1.8
Input
Output
Figure 46
1.5
1.4
1.45
−0.2
0
0.2
0.4
1
t − Time −
µs
0.8
0.6
1.2 1.4
INVERTING SMALL SIGNAL
1.6
1.55
Input
Output
1.6 1.8
VDD = 3 V
VI(PP) = 100 mV
VI = 1.5 V
RL = 10 kΩ
CL = 160 pF
AV = −1
TA = 25°C
Figure 47
2.5
2.4
2.45
−0.2
0
0.2
0.4
1
t − Time −
µs
0.8
0.6
1.2 1.4
INVERTING SMALL SIGNAL
2.6
2.55
Input
Output
1.6 1.8
VDD = 5 V
VI(PP) = 100 mV
VI = 2.5 V
RL = 10 kΩ
CL = 160 pF
AV = −1
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com