Electronic Components Datasheet Search
  English  ▼

X  

TLV2460CDBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV2460CDBVT Datasheet HTML 13Page - Texas Instruments TLV2460CDBVT Datasheet HTML 14Page - Texas Instruments TLV2460CDBVT Datasheet HTML 15Page - Texas Instruments TLV2460CDBVT Datasheet HTML 16Page - Texas Instruments TLV2460CDBVT Datasheet HTML 17Page - Texas Instruments TLV2460CDBVT Datasheet HTML 18Page - Texas Instruments TLV2460CDBVT Datasheet HTML 19Page - Texas Instruments TLV2460CDBVT Datasheet HTML 20Page - Texas Instruments TLV2460CDBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
17
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 18
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
10
1k
10k
10M
1M
100k
110
80
60
40
90
70
50
100
100
VDD = ±1.5 V
TA = 25°C
−kSVR
+kSVR
+kSVR
−kSVR
Figure 19
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
10
1k
10k
10M
1M
100k
80
60
40
90
70
50
100
VDD = ±2.5 V
TA = 25°C
−kSVR
+kSVR
+kSVR
−kSVR
Figure 20
VDD − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0.7
0.5
0.30
0.10
34
0.8
0.6
0.40
0.20
3.5
4.5
6
2.5
5
5.5
IDD = 25°C
IDD = 85°C
IDD = −55°C
IDD = 125°C
IDD = −40°C
Figure 21
TA − Free-Air Temperature − °C
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
0.60
0.50
0.40
0.30
−35
5
0.65
0.55
0.45
0.35
−15
25
125
0.80
−55
45
65
0.70
0.75
VDD = 5 V
VI = 2.5 V
85
105
VDD = 3 V
VI = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com