Electronic Components Datasheet Search
  English  ▼

X  

TPA721 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA721 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA721 Datasheet HTML 6Page - Texas Instruments TPA721 Datasheet HTML 7Page - Texas Instruments TPA721 Datasheet HTML 8Page - Texas Instruments TPA721 Datasheet HTML 9Page - Texas Instruments TPA721 Datasheet HTML 10Page - Texas Instruments TPA721 Datasheet HTML 11Page - Texas Instruments TPA721 Datasheet HTML 12Page - Texas Instruments TPA721 Datasheet HTML 13Page - Texas Instruments TPA721 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPA721
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS231B – NOVEMBER 1998 – REVISED MARCH 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
–0.5
–1
–1.5
–2
f – Frequency – Hz
–0.25
–0.75
–1.25
–1.75
0
0.5
0.25
0.75
130
°
120
°
140
°
150
°
160
°
VDD = 3.3 V
RL = 8 Ω
PO = 250 mW
BTL
1
170
°
180
°
Gain
Phase
101
102
103
104
105
106
Figure 17
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
–0.5
–1
–1.5
–2
f – Frequency – Hz
–0.25
–0.75
–1.25
–1.75
0
0.5
0.25
0.75
130
°
120
°
140
°
150
°
160
°
VDD = 5 V
RL = 8 Ω
PO = 700 mW
BTL
1
170
°
180
°
Gain
Phase
101
102
103
104
105
106
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com