Electronic Components Datasheet Search
  English  ▼

X  

TPA721 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA721 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA721 Datasheet HTML 8Page - Texas Instruments TPA721 Datasheet HTML 9Page - Texas Instruments TPA721 Datasheet HTML 10Page - Texas Instruments TPA721 Datasheet HTML 11Page - Texas Instruments TPA721 Datasheet HTML 12Page - Texas Instruments TPA721 Datasheet HTML 13Page - Texas Instruments TPA721 Datasheet HTML 14Page - Texas Instruments TPA721 Datasheet HTML 15Page - Texas Instruments TPA721 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TPA721
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS231B – NOVEMBER 1998 – REVISED MARCH 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bridged-tied load
Figure 23 shows a linear audio power amplifier (APA) in a BTL configuration. The TPA721 BTL amplifier consists
of two linear amplifiers driving both ends of the load. There are several potential benefits to this differential drive
configuration but initially consider power to the load. The differential drive to the speaker means that as one side
is slewing up, the other side is slewing down, and vice versa. This in effect doubles the voltage swing on the
load as compared to a ground referenced load. Plugging 2
× VO(PP) into the power equation, where voltage is
squared, yields 4
× the output power from the same supply rail and load impedance (see equation 1).
Power
+
V
(rms)
2
R
L
(1)
V
(rms) +
V
O(PP)
22
RL
2x VO(PP)
VO(PP)
–VO(PP)
VDD
VDD
Figure 23. Bridge-Tied Load Configuration
In a typical portable handheld equipment sound channel operating at 3.3 V, bridging raises the power into an
8-
Ω speaker from a singled-ended (SE, ground reference) limit of 62.5 mW to 250 mW. In sound power that is
a 6-dB improvement — which is loudness that can be heard. In addition to increased power, there are frequency
response concerns. Consider the single-supply SE configuration shown in Figure 24. A coupling capacitor is
required to block the dc offset voltage from reaching the load. These capacitors can be quite large
(approximately 33
µF to 1000 µF) so they tend to be expensive, heavy, occupy valuable PCB area, and have
the additional drawback of limiting low-frequency performance of the system. This frequency limiting effect is
due to the high pass filter network created with the speaker impedance and the coupling capacitance and is
calculated with equation 2.
f
(corner) +
1
2
pR
L
C
C
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com