Electronic Components Datasheet Search
  English  ▼

X  

TPA721 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA721 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA721 Datasheet HTML 14Page - Texas Instruments TPA721 Datasheet HTML 15Page - Texas Instruments TPA721 Datasheet HTML 16Page - Texas Instruments TPA721 Datasheet HTML 17Page - Texas Instruments TPA721 Datasheet HTML 18Page - Texas Instruments TPA721 Datasheet HTML 19Page - Texas Instruments TPA721 Datasheet HTML 20Page - Texas Instruments TPA721 Datasheet HTML 21Page - Texas Instruments TPA721 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
TPA721
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS231B – NOVEMBER 1998 – REVISED MARCH 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
headroom and thermal considerations (continued)
This is valuable information to consider when attempting to estimate the heat dissipation requirements for the
amplifier system. Comparing the absolute worst case, which is 700 mW of continuous power output with 0 dB
of headroom, against 12 dB and 15 dB applications drastically affects maximum ambient temperature ratings
for the system. Using the power dissipation curves for a 5-V, 8-
Ω system, the internal dissipation in the TPA721
and maximum ambient temperatures is shown in Table 2.
Table 2. TPA721 Power Rating, 5-V, 8-
Ω, BTL
PEAK OUTPUT
AVERAGE OUTPUT
POWER
D PACKAGE
(SOIC)
DGN PACKAGE
(MSOP)
POWER
(mW)
AVERAGE OUTPUT
POWER
DISSIPATION
(mW)
MAXIMUM AMBIENT
TEMPERATURE
(0 CFM)
MAXIMUM AMBIENT
TEMPERATURE
(0 CFM)
700
700 mW
675
34
°C
110
°C
700
350 mW (3 dB)
595
47
°C
115
°C
700
176 mW (6 dB)
475
68
°C
122
°C
700
88 mW (9 dB)
350
89
°C
125
°C
700
44 mW (12 dB)
225
111
°C
125
°C
Table 2 shows that the TPA721 can be used to its full 700-mW rating without any heat sinking in still air up to
110
°C and 34°C for the DGN package (MSOP) and D pacakge (SOIC) respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com