Electronic Components Datasheet Search
  English  ▼

X  

TPA721 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA721 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA721 Datasheet HTML 10Page - Texas Instruments TPA721 Datasheet HTML 11Page - Texas Instruments TPA721 Datasheet HTML 12Page - Texas Instruments TPA721 Datasheet HTML 13Page - Texas Instruments TPA721 Datasheet HTML 14Page - Texas Instruments TPA721 Datasheet HTML 15Page - Texas Instruments TPA721 Datasheet HTML 16Page - Texas Instruments TPA721 Datasheet HTML 17Page - Texas Instruments TPA721 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TPA721
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS231B – NOVEMBER 1998 – REVISED MARCH 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
BTL amplifier efficiency (continued)
Although the voltages and currents for SE and BTL are sinusoidal in the load, currents from the supply are very
different between SE and BTL configurations. In an SE application the current waveform is a half-wave rectified
shape whereas in BTL it is a full-wave rectified waveform. This means RMS conversion factors are different.
Keep in mind that for most of the waveform both the push and pull transistors are not on at the same time, which
supports the fact that each amplifier in the BTL device only draws current from the supply for half the waveform.
The following equations are the basis for calculating amplifier efficiency.
I
DD
rms
+
2V
P
p R
L
P
SUP +
V
DD
I
DD
rms
+
V
DD 2VP
p R
L
Efficiency
+
P
L
P
SUP
Efficiency of a BTL Configuration
+
p V
P
2V
DD
+
p
P
L
R
L
2
1 2
2V
DD
(3)
Where:
(4)
P
L +
V
L
rms2
R
L
+
Vp
2
2R
L
V
L
rms
+
V
P
2
Table 1 employs equation 4 to calculate efficiencies for three different output power levels. The efficiency of the
amplifier is quite low for lower power levels and rises sharply as power to the load is increased, resulting in a
nearly flat internal power dissipation over the normal operating range. The internal dissipation at full output
power is less than in the half power range. Calculating the efficiency for a specific system is the key to proper
power supply design.
Table 1. Efficiency vs Output Power in 3.3-V 8-
Ω BTL Systems
OUTPUT POWER
(W)
EFFICIENCY
(%)
PEAK-to-PEAK
VOLTAGE
(V)
INTERNAL
DISSIPATION
(W)
0.125
33.6
1.41
0.26
0.25
47.6
2.00
0.29
0.375
58.3
2.45†
0.28
† High-peak voltage values cause the THD to increase.
A final point to remember about linear amplifiers (either SE or BTL) is how to manipulate the terms in the
efficiency equation to utmost advantage when possible. In equation 4, VDD is in the denominator. This indicates
that as VDD goes down, efficiency goes up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com