Electronic Components Datasheet Search
  English  ▼

X  

TPA721 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA721 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA721 Datasheet HTML 14Page - Texas Instruments TPA721 Datasheet HTML 15Page - Texas Instruments TPA721 Datasheet HTML 16Page - Texas Instruments TPA721 Datasheet HTML 17Page - Texas Instruments TPA721 Datasheet HTML 18Page - Texas Instruments TPA721 Datasheet HTML 19Page - Texas Instruments TPA721 Datasheet HTML 20Page - Texas Instruments TPA721 Datasheet HTML 21Page - Texas Instruments TPA721 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TPA721
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS231B – NOVEMBER 1998 – REVISED MARCH 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
5-V versus 3.3-V operation
The TPA721 operates over a supply range of 2.5 V to 5.5 V. This data sheet provides full specifications for 5-V
and 3.3-V operation, as these are considered to be the two most common standard voltages. There are no
special considerations for 3.3-V versus 5-V operation with respect to supply bypassing, gain setting, or stability.
The most important consideration is that of output power. Each amplifier in TPA721 can produce a maximum
voltage swing of VDD – 1 V. This means, for 3.3-V operation, clipping starts to occur when VO(PP) = 2.3 V as
opposed to VO(PP) = 4 V at 5 V. The reduced voltage swing subsequently reduces maximum output power into
an 8-
Ω load before distortion becomes significant.
Operation from 3.3-V supplies, as can be shown from the efficiency formula in equation 4, consumes
approximately two-thirds the supply power than operation from 5-V supplies for a given output-power level.
headroom and thermal considerations
Linear power amplifiers dissipate a significant amount of heat in the package under normal operating conditions.
A typical music CD requires 12 dB to 15 dB of dynamic headroom to pass the loudest portions without distortion
as compared with the average power output. From the TPA721 data sheet, one can see that when the TPA721
is operating from a 5-V supply into a 8-
Ω speaker that 700 mW peaks are available. Converting watts to dB:
P
dB +
10 Log P
W +
10Log 700 mW
+ –1.5 dB
Subtracting the headroom restriction to obtain the average listening level without distortion yields:
–1.5 dB – 15 dB = –16.5 (15 dB headroom)
–1.5 dB – 12 dB = –13.5 (12 dB headroom)
–1.5 dB – 9 dB = –10.5 (9 dB headroom)
–1.5 dB – 6 dB = –7.5 (6 dB headroom)
–1.5 dB – 3 dB = –4.5 (3 dB headroom)
Converting dB back into watts:
P
W +
10PdB 10
+ 22 mW (15 dB headroom)
+ 44 mW (12 dB headroom)
+ 88 mW (9 dB headroom)
+ 175 mW (6 dB headroom)
+ 350 mW (3 dB headroom)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com