Electronic Components Datasheet Search
  English  ▼

X  

TPIC1501 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC1501
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1501 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC1501 Datasheet HTML 4Page - Texas Instruments TPIC1501 Datasheet HTML 5Page - Texas Instruments TPIC1501 Datasheet HTML 6Page - Texas Instruments TPIC1501 Datasheet HTML 7Page - Texas Instruments TPIC1501 Datasheet HTML 8Page - Texas Instruments TPIC1501 Datasheet HTML 9Page - Texas Instruments TPIC1501 Datasheet HTML 10Page - Texas Instruments TPIC1501 Datasheet HTML 11Page - Texas Instruments TPIC1501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPIC1501A
QUAD AND HEX POWER DMOS ARRAY
SLIS046A – MAY 1995 – REVISED JUNE 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IRM†
25% of IRM†
Reverse di/dt = 100 A/
µs
trr
† IRM = maximum recovery current
2
1
0
– 1
– 2
– 3
– 4
– 5
Time – ns
0
100
200
300
400
500
VDS = 16 V
VGS = 0
TJ = 25°C
Q3A, Q4A, Q5A
3
Shaded Area = QRR
Figure 2. Reverse-Recovery-Current Waveform of Source-to-Drain Diodes
Pulse Generator
50
Ω
Rgen
50
Ω
VGS
VDD = 14 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
tf
td(on)
tr
td(off)
VOLTAGE WAVEFORMS
VGS
VDS
RL
CL 30 pF
(see Note A)
tdis
ten
10 V
0
NOTE A: CL includes probe and jig capacitance.
Figure 3. Resistive-Switching Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com