Electronic Components Datasheet Search
  English  ▼

X  

TPIC1501 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC1501
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1501 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC1501 Datasheet HTML 1Page - Texas Instruments TPIC1501 Datasheet HTML 2Page - Texas Instruments TPIC1501 Datasheet HTML 3Page - Texas Instruments TPIC1501 Datasheet HTML 4Page - Texas Instruments TPIC1501 Datasheet HTML 5Page - Texas Instruments TPIC1501 Datasheet HTML 6Page - Texas Instruments TPIC1501 Datasheet HTML 7Page - Texas Instruments TPIC1501 Datasheet HTML 8Page - Texas Instruments TPIC1501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPIC1501A
QUAD AND HEX POWER DMOS ARRAY
SLIS046A – MAY 1995 – REVISED JUNE 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low rDS(on):
0.1
Ω Typ (Full H-Bridge)
0.4
Ω Typ (Triple Half H-Bridge)
D Pulsed Current:
12 A Per Channel (Full H-Bridge)
6 A Per Channel (Triple Half H-Bridge)
D Matched Sense Transistor for Class A-B
Linear Operation
D Fast Commutation Speed
description
The TPIC1501A is a monolithic power array that
consists of ten electrically isolated N-channel
enhancement-mode power DMOS transistors, four
of which are configured as a full H-bridge and six as
a triple half H-bridge. The lower stage of the full
H-bridge features an integrated sense FET to allow
biasing of the bridge in class A-B operation.
The TPIC1501A is offered in a 24-pin wide-body surface-mount (DW) package and is characterized for
operation over the case temperature range of – 40
°C to 125°C.
schematic
Q4B
GATE1A
17
OUTPUT1
19
GATE1B
21
Q2A
8
Q2B
6
4
D1
D2
GATE3A
22
OUTPUT3
1
GATE3B
3
D3
GATE4A
Q4A
18
OUTPUT4
11
GATE4B
7
GATE2A
OUTPUT2
GATE2B
Q3B
Q3A
15
10
Q1B
Q1A
Q5B
GATE5A
Q5A
16
OUTPUT5
13
GATE5B
9
14, 24
12
2, 23
GND
SOURCE
VDD1
VDD2
VDD3
Q2C
20
5
GATE2C
SENSE
NOTES: A. Pins 2 and 23 must be externally connected.
B. Pins 14 and 24 must be externally connected.
C. No output may be taken greater than 0.5 V below GND.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OUTPUT3
GND
GATE3B
GATE2B
SENSE
OUTPUT2
GATE4B
GATE2A
GATE5B
VDD2
OUTPUT4
SOURCE
VDD3
GND
GATE3A
GATE1B
GATE2C
OUTPUT1
GATE4A
GATE1A
GATE5A
VDD1
VDD3
OUTPUT5
DW PACKAGE
(TOP VIEW)


Similar Part No. - TPIC1501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1502DW TI-TPIC1502DW Datasheet
330Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1504DW TI-TPIC1504DW Datasheet
331Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
More results

Similar Description - TPIC1501

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VC0206N6 SUTEX-VC0206N6 Datasheet
40Kb / 1P
Complementary Enhancement-Mode Vertical DMOS Power FETs Quad Array
VN0106NE SUTEX-VN0106NE Datasheet
38Kb / 1P
N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VN0204N6 SUTEX-VN0204N6 Datasheet
38Kb / 1P
N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array???
VP0204N6 SUTEX-VP0204N6 Datasheet
40Kb / 1P
P-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
logo
Texas Instruments
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
QUAD AND HEX POWER DMOS ARRAY
TPIC1533 TI-TPIC1533 Datasheet
312Kb / 17P
QUAD AND HEX POWER DMOS ARRAY
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
DUAL POWER DMOS ARRAY
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
SIX-OUTPUT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com