Electronic Components Datasheet Search
  English  ▼

X  

TPS2206DF Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2206DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206DF Datasheet(HTML) 5 Page - Texas Instruments

  TPS2206DF Datasheet HTML 1Page - Texas Instruments TPS2206DF Datasheet HTML 2Page - Texas Instruments TPS2206DF Datasheet HTML 3Page - Texas Instruments TPS2206DF Datasheet HTML 4Page - Texas Instruments TPS2206DF Datasheet HTML 5Page - Texas Instruments TPS2206DF Datasheet HTML 6Page - Texas Instruments TPS2206DF Datasheet HTML 7Page - Texas Instruments TPS2206DF Datasheet HTML 8Page - Texas Instruments TPS2206DF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VI(5V)
0
5.25
V
Input voltage range, VI
VI(3.3V)
0
5.25
V
VI(12V)
0
13.5
V
Output current
IO(xVCC) at 25°C
1
A
Output current
IO(xVPP) at 25°C
150
mA
Clock frequency
0
2.5
MHz
Operating virtual junction temperature, TJ
–40
125
°C
electrical characteristics, TA = 25°C, VI(5V) = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2206
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
†
5 V to xVCC
103
140
†
3.3 V to xVCC
VI(5V) = 5 V,
VI(3.3 V) = 3.3 V
69
110
m
Ω
Switch resistances†
3.3 V to xVCC
VI(5V) = 0,
VI(3.3V) = 3.3 V
96
180
Switch resistances†
5 V to xVPP
6
3.3 V to xVPP
6
Ω
12 V to xVPP
1
VO(xVPP)
Clamp low voltage
Ipp at 10 mA
0.8
V
VO(xVCC) Clamp low voltage
ICC at 10 mA
0.8
V
I
high impedance state
TA = 25°C
1
10
Ilk
Leakage current
Ipp high-impedance state
TA = 85°C
50
µA
Ilkg
Leakage current
ICC high impedance state
TA = 25°C
1
10
µA
ICC high-impedance state
TA = 85°C
50
VI(5V) = 5 V
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
117
150
µA
II
Input current
VI(5V) = 0,
VI(3.3V) = 3.3 V
VO(AVCC) = VO(BVCC) = 3.3 V,
VO(AVPP) = VO(BVPP) = 0
131
150
µA
Shutdown mode
VO(BVCC) = VO(AVCC) = VO(AVPP)
= VO(BVPP) = Hi-Z
1
µA
IOS
Short-circuit
IO(xVCC)
TJ = 85°C,
1
2.2
A
IOS
output-current limit
IO(xVPP)
J
Output powered up into a short to GND
120
400
mA
† Pulse-testing techniques are used to maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
logic section
PARAMETER
TEST CONDITIONS
TPS2206
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2
V
Logic input low level
0.8
V
VI(5V)= 5 V,
IO = 1mA
VI(5V)–0.4
Logic output high level
VI(5V)= 0,
VI(3.3V) = 3.3 V
IO = 1mA,
VI(3.3V)–0.4
V
Logic output low level
IO = 1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com