Electronic Components Datasheet Search
  English  ▼

X  

TPS2206DF Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2206DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206DF Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2206DF Datasheet HTML 11Page - Texas Instruments TPS2206DF Datasheet HTML 12Page - Texas Instruments TPS2206DF Datasheet HTML 13Page - Texas Instruments TPS2206DF Datasheet HTML 14Page - Texas Instruments TPS2206DF Datasheet HTML 15Page - Texas Instruments TPS2206DF Datasheet HTML 16Page - Texas Instruments TPS2206DF Datasheet HTML 17Page - Texas Instruments TPS2206DF Datasheet HTML 18Page - Texas Instruments TPS2206DF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
5-V SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO(xVCC) – Output Current – A
4.95
4.9
4.85
4.8
0
0.2
0.4
0.6
5
0.8
1
–40
°C
25
°C
85
°C
125
°C
VI(5V) = 5 V
VCC = 5 V
Figure 26
3.3-V SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO(xVCC) – Output Current – A
25
°C
3.27
3.24
3.18
3.15
0
0.2
0.4
0.6
3.3
0.8
1
3.21
VI(5V) = 5 V
VI(3.3V) = 3.3 V
VCC = 3.3 V
–40
°C
85
°C
125
°C
Figure 27
3.3-V SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO(xVCC) – Output Current – A
85
°C
3.2
3.15
3.1
0
0.2
0.4
0.6
3.25
3.3
0.8
1
25
°C
–40
°C
125
°C
VI(5 V) = 0 V
VCC = 3.3 V
Figure 28
12-V SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO(xVPP) – Output Current – A
11.96
11.94
11.92
11.9
0
0.03
0.06
11.98
12
0.09
0.12
125
°C
85
°C
25
°C
–40
°C
VI(5 V) = 5 V
VPP = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com