Electronic Components Datasheet Search
  English  ▼

X  

TPS2206DF Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2206DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206DF Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2206DF Datasheet HTML 4Page - Texas Instruments TPS2206DF Datasheet HTML 5Page - Texas Instruments TPS2206DF Datasheet HTML 6Page - Texas Instruments TPS2206DF Datasheet HTML 7Page - Texas Instruments TPS2206DF Datasheet HTML 8Page - Texas Instruments TPS2206DF Datasheet HTML 9Page - Texas Instruments TPS2206DF Datasheet HTML 10Page - Texas Instruments TPS2206DF Datasheet HTML 11Page - Texas Instruments TPS2206DF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Table of Timing Diagrams
FIGURE
Serial-Interface Timing
2
xVCC Propagation Delay and Rise Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 5 V
3
xVCC Propagation Delay and Fall Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 5 V
4
xVCC Propagation Delay and Rise Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 5 V
5
xVCC Propagation Delay and Fall Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 5 V
6
xVCC Propagation Delay and Rise Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 0
7
xVCC Propagation Delay and Fall Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 0
8
xVCC Propagation Delay and Rise Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 0
9
xVCC Propagation Delay and Fall Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 0
10
xVCC Propagation Delay and Rise Time With 1-
µF Load, 5-V Switch
11
xVCC Propagation Delay and Fall Time With 1-
µF Load, 5-V Switch
12
xVCC Propagation Delay and Rise Time With 150-
µF Load, 5-V Switch
13
xVCC Propagation Delay and Fall Time With 150-
µF Load, 5-V Switch
14
xVPP Propagation Delay and Rise Time With 1-
µF Load, 12-V Switch
15
xVPP Propagation Delay and Fall Time With 1-
µF Load, 12-V Switch
16
xVPP Propagation Delay and Rise Time With 150-
µF Load, 12-V Switch
17
xVPP Propagation Delay and Fall Time With 150-
µF Load, 12-V Switch
18
NOTE A: Data is clocked in on the positive leading edge of the clock. The latch should occur before the next positive leading edge of
the clock. For definition of D0 to D8, see the control logic table.
DATA
LATCH
CLOCK
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 2. Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com