Electronic Components Datasheet Search
  English  ▼

X  

TPS2206DF Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2206DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206DF Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2206DF Datasheet HTML 5Page - Texas Instruments TPS2206DF Datasheet HTML 6Page - Texas Instruments TPS2206DF Datasheet HTML 7Page - Texas Instruments TPS2206DF Datasheet HTML 8Page - Texas Instruments TPS2206DF Datasheet HTML 9Page - Texas Instruments TPS2206DF Datasheet HTML 10Page - Texas Instruments TPS2206DF Datasheet HTML 11Page - Texas Instruments TPS2206DF Datasheet HTML 12Page - Texas Instruments TPS2206DF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
t – Time – ms
01
2
3
45
67
89
xVCC (2 V/div)
LATCH (2 V/div)
Figure 3. xVCC Propagation Delay and
Rise Time With 1-
µF Load, 3.3-V Switch,
(VI(5 V) = 5 V)
t – Time – ms
0
5
10
15
20
25
30
35
40
45
xVCC (2 V/div)
LATCH (2 V/div)
Figure 4. xVCC Propagation Delay and
Fall Time With 1-
µF Load, 3.3-V Switch,
(VI(5 V) = 5 V)
t – Time – ms
Figure 5. xVCC Propagation Delay and
Rise Time With 150-
µF Load, 3.3-V Switch,
VI(5 V) = 5 V
01
2
3
45
67
89
xVCC (2 V/div)
LATCH (2 V/div)
t – Time – ms
Figure 6. xVCC Propagation Delay and
Fall Time With 150-
µF Load, 3.3-V Switch,
VI(5 V) = 5 V
0
5
10
15
20
25
30
35
40
45
xVCC (2 V/div)
LATCH (2 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com