Electronic Components Datasheet Search
  English  ▼

X  

TPS2206DF Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS2206DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206DF Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2206DF Datasheet HTML 20Page - Texas Instruments TPS2206DF Datasheet HTML 21Page - Texas Instruments TPS2206DF Datasheet HTML 22Page - Texas Instruments TPS2206DF Datasheet HTML 23Page - Texas Instruments TPS2206DF Datasheet HTML 24Page - Texas Instruments TPS2206DF Datasheet HTML 25Page - Texas Instruments TPS2206DF Datasheet HTML 26Page - Texas Instruments TPS2206DF Datasheet HTML 27Page - Texas Instruments TPS2206DF Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
12-V flash memory supply
The TPS6734 is a fixed 12-V output boost converter capable of delivering 120 mA from inputs as low as
2.7 V. The device is pin-for-pin compatible with the MAX734 regulator and offers the following advantages: lower
supply current, wider operating input-voltage range, and higher output currents. As shown in Figure 1, the only
external components required are: an inductor, a Schottky rectifier, an output filter capacitor, an input filter
capacitor, and a small capacitor for loop compensation. The entire converter occupies less than 0.7 in2 of PCB
space when implemented with surface-mount components. An enable input is provided to shut the converter
down and reduce the supply current to 3
µA when 12 V is not needed.
The TPS6734 is a 170-kHz current-mode PWM ( pulse-width modulation) controller with an n-channel MOSFET
power switch. Gate drive for the switch is derived from the 12-V output after start-up to minimize the die area
needed to realize the 0.7-
Ω MOSFET and improve efficiency at input voltages below 5 V. Soft start is
accomplished with the addition of one small capacitor. A 1.22-V reference (pin 2) is brought out for external use.
For additional information, see the TPS6734 data sheet (SLVS127).
DATA
CLOCK
LATCH
AVCC
AVCC
AVCC
BVCC
BVCC
BVCC
AVPP
AVPP
BVPP
BVPP
3.3V
3.3 V
To CPU
OC
5V
5 V
GND
3.3V
5V
3.3V
5V
12V
12V
TPS2206
RESET
RESET
1
µF
1
µF
0.1
µF
0.1
µF
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734
3.3 V or 5 V
ENABLE
(see Note A)
+
33
µF, 20 V
L1
18
µH
12 V
C5
D1
U1
C4 0.001
µF
+
C1
C2
0.01
µF
R1
10 k
Ω
33
µF, 20 V
NOTE A: The enable terminal can be tied to a generall purpose I/O terminal on the PCMCIA controller or tied high.
Figure 34. TPS2206 with TPS6734 12-V, 120-mA Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com