Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments TPS2811 Datasheet HTML 10Page - Texas Instruments TPS2811 Datasheet HTML 11Page - Texas Instruments TPS2811 Datasheet HTML 12Page - Texas Instruments TPS2811 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Tables of Characteristics Graphs and Application Information (Continued)
general applications
PARAMETER
vs PARAMETER 2
FIGURE
PAGE
Switching test circuits and application information
19, 20
15
Voltage of 1OUT vs 2OUT
Time
Low-to-high
21, 23, 25
16, 17
Voltage of 1OUT vs 2OUT
Time
High-to-low
22, 24, 26
16, 17
circuit for measuring paralleled switching characteristics
PARAMETER
vs PARAMETER 2
FIGURE
PAGE
Switching test circuits and application information
27
17
Input voltage vs output voltage
Time
Low-to-high
28, 30
18
Input voltage vs output voltage
Time
High-to-low
29, 31
18
Hex-1 to Hex-4 application information
PARAMETER
vs PARAMETER 2
FIGURE
PAGE
Driving test circuit and application information
32
19
Hex-1 size
33
20
Hex-2 size
36
20
Drain-source voltage vs drain current
Time
Hex-3 size
39
21
Hex-4 size
41
22
Hex-4 size parallel drive
45
23
Hex-1 size
34
20
Hex-2 size
37
21
Drain-source voltage vs gate-source voltage at turn-on
Time
Hex-3 size
40
21
Hex-4 size
43
22
Hex-4 size parallel drive
46
23
Hex-1 size
35
20
Hex-2 size
38
21
Drain-source voltage vs gate-source voltage at turn-off
Time
Hex-3 size
42
22
Hex-4 size
44
22
Hex-4 size parallel drive
47
23
synchronous buck regulator application
PARAMETER
vs PARAMETER 2
FIGURE
PAGE
3.3-V 3-A Synchronous-Rectified Buck Regulator Circuit
48
24
Q1 drain voltage vs gate voltage at turn-on
49
26
Q1 drain voltage vs gate voltage at turn-off
50
26
Q1 drain voltage vs Q2 gate-source voltage
Time
51, 52, 53
26, 27
Output ripple voltage vs inductor current
3 A
54
27
Output ripple voltage vs inductor current
5 A
55
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com