Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 13Page - Texas Instruments TPS2811 Datasheet HTML 14Page - Texas Instruments TPS2811 Datasheet HTML 15Page - Texas Instruments TPS2811 Datasheet HTML 16Page - Texas Instruments TPS2811 Datasheet HTML 17Page - Texas Instruments TPS2811 Datasheet HTML 18Page - Texas Instruments TPS2811 Datasheet HTML 19Page - Texas Instruments TPS2811 Datasheet HTML 20Page - Texas Instruments TPS2811 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
t – Time
TA = 25°C
VCC = 14 V
CL = 10 nF on Each Output
Paralleled Input
VO at 2OUT
(5 V/div, 20 ns/div)
VO at 1OUT
(5 V/div, 20 ns/div)
Figure 25. Voltage at 1OUT vs Voltage at
2OUT, Low-to-High Output Delay
t – Time
TA = 25°C
VCC = 14 V
CL = 10 nF on Each Output
Paralleled Input
VO at 2OUT (5 V/div, 20 ns/div)
VO at (5 V/div, 20 ns/div)
Figure 26. Voltage at 1OUT vs Voltage at
2OUT, High-to-Low Output Delay
Regulator
50
Ω
1
2
3
4
8
7
6
5
CL
Output
0.1
µF
4.7
µF
+
VCC
TPS2811
NOTE A: Input rise and fall times should be
≤10 ns for accurate measurement of ac parameters.
Figure 27. Test Circuit for Measuring Paralleled Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com