Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2811 Datasheet HTML 1Page - Texas Instruments TPS2811 Datasheet HTML 2Page - Texas Instruments TPS2811 Datasheet HTML 3Page - Texas Instruments TPS2811 Datasheet HTML 4Page - Texas Instruments TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TPS2811, TPS2812, TPS2813
TERMINAL NUMBERS
TERMINAL
NAME
TPS2811
Dual Inverting
Drivers
TPS2812
Dual Noninverting
Drivers
TPS2813
Complimentary
Drivers
DESCRIPTION
REG_IN
1
1
1
Regulator input
1IN
2
2
2
Input 1
GND
3
3
3
Ground
2IN
4
4
4
Input 2
2OUT
5 = 2IN
5 = 2IN
5 = 2IN
Output 2
VCC
6
6
6
Supply voltage
1OUT
7 = 1IN
7 = 1IN
7 = 1IN
Output 1
REG_OUT
8
8
8
Regulator output
TPS2814, TPS2815
TERMINAL NUMBERS
TERMINAL
NAME
TPS2814
Dual AND Drivers with Single
Inverting Input
TPS2815
Dual NAND Drivers
DESCRIPTION
1IN1
1
1
Noninverting input 1 of driver 1
1IN2
2
-
Inverting input 2 of driver 1
1IN2
-
2
Noninverting input 2 of driver 1
2IN1
3
3
Noninverting input 1 of driver 2
2IN2
4
-
Inverting input 2 of driver 2
2IN2
-
4
Noninverting input 2 of driver 2
2OUT
5 = 2IN1
• 2IN2
5 = 2IN1
• 2IN2
Output 2
VCC
6
6
Supply voltage
1OUT
7 = 1IN1
• 1IN2
7 = 1IN1
• 1IN2
Output 1
GND
8
8
Ground
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
P
1090 mW
8.74 mW/
°C
697 mW
566 mW
D
730 mW
5.84 mW/
°C
467 mW
380 mW
PW
520 mW
4.17 mW/
°C
332 mW
270 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com