Electronic Components Datasheet Search
  English  ▼

X  

TPS2811 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments TPS2811 Datasheet HTML 10Page - Texas Instruments TPS2811 Datasheet HTML 11Page - Texas Instruments TPS2811 Datasheet HTML 12Page - Texas Instruments TPS2811 Datasheet HTML 13Page - Texas Instruments TPS2811 Datasheet HTML 14Page - Texas Instruments TPS2811 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
8
6
2
0
46
8
10
10
14
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
16
12
14
4
12
Duty Cycle = 50%
CL = 1 nF
1 MHz
40 kHz
500 kHz
100 kHz
75 kHz
VCC – Supply Voltage – V
Figure 9
1.5
1
0.5
0
0
0.5
1
2
SUPPLY CURRENT
vs
LOAD CAPACITANCE
2.5
1.5
2
VCC = 10 V
f = 100 kHz
TA = 25°C
CL – Load Capacitance – nF
Figure 10
1.15
1.13
1.12
1.1
–50
–25
0
25
50
1.16
1.18
1.2
75
100
125
1.19
1.17
1.14
1.11
SUPPLY CURRENT
vs
AMBIENT TEMPERATURE
CL = 1 nF
VCC = 10 V
Duty Cycle = 50%
f = 100 kHz
TA – Temperature – °C
Figure 11
TA = 25°C
5
3
2
0
46
8
10
7
8
9
12
14
6
4
1
+ Threshold
– Threshold
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com