Electronic Components Datasheet Search
  English  ▼

X  

TPS70751 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS70751
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70751 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS70751 Datasheet HTML 4Page - Texas Instruments TPS70751 Datasheet HTML 5Page - Texas Instruments TPS70751 Datasheet HTML 6Page - Texas Instruments TPS70751 Datasheet HTML 7Page - Texas Instruments TPS70751 Datasheet HTML 8Page - Texas Instruments TPS70751 Datasheet HTML 9Page - Texas Instruments TPS70751 Datasheet HTML 10Page - Texas Instruments TPS70751 Datasheet HTML 11Page - Texas Instruments TPS70751 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature (TJ = –40°C to 125°C)
VIN1 or VIN2 = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 33 µF(unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid RESET
I(RESET) = 300 µA,
V(RESET) ≤ 0.8 V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VO
Hysteresis voltage
Measured at VO
0.5%
VO
RESET
t(RESET)
RESET pulse duration
80
120
160
ms
tr(RESET)
Rising edge deglitch
30
µs
Output low voltage
VI = 3.5 V,
I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 6 V
1
µA
Minimum input voltage for valid PG1
IO(PG1) = 300 µA,
V(PG1) ≤ 0.8 V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VO
PG1
Hysteresis voltage
Measured at VO
0.5%
VO
PG1
tf(PG1)
Falling edge deglitch
30
µs
Output low voltage
VI = 2.7 V,
I(PG1) = 1 mA
0.15
0.4
V
Leakage current
V(PG1) = 6 V
1
µA
High level EN input voltage
2
V
EN
Low level EN input voltage
0.7
V
Input current (EN)
–1
1
µA
High level SEQ input voltage
2
V
SEQ
Low level SEQ input voltage
0.7
V
SEQ pull up current source
6
µA
High level input voltage
2
V
MR1 / MR2
Low level input voltage
0.7
V
Pull up current source
6
µA
V
VOUT2 UV comparator – positive-going input
threshold voltage of VOUT1 UV comparator
80% VO
83% VO 86% VO
V
V
VOUT2 UV comparator – hysteresis
0.5% VO
mV
VOUT2
VOUT2 UV comparator – falling edge deglitch
VSENSE_2 decreasing below threshold
140
µs
Peak output current
2 ms pulse width
375
mA
Discharge transistor current
VOUT2 = 1.5 V
7.5
mA
V
VOUT1 UV comparator – positive-going input
threshold voltage of VOUT1 UV comparator
80% VO
83% VO 86% VO
V
V
VOUT1 UV comparator – hysteresis
0.5% VO
mV
V
VOUT1 UV comparator – falling edge deglitch
VSENSE_1 decreasing below threshold
140
µs
VOUT1
Dropout voltage (see Note 4)
IO = 250 mA,
VIN1 = 3.2 V,
TJ = 25°C
83
mV
g(
)
IO = 250 mA,
VIN1 = 3.2 V
140
Peak output current
2 ms pulse width
750
mA
Discharge transistor current
VOUT1 = 1.5 V
7.5
mA
VOUT1 UVLO
UVLO threshold
2.4
2.65
V
FB
Input current – TPS70702
FB = 1.8 V
1
µA
NOTE 4: Input voltage(VIN1 or VIN2) = VO(Typ) – 100 mV. For the 1.5 V, 1.8 V and 2.5 V regulators, the dropout voltage is limited by input voltage
range. The 3.3 V regulator input voltage is to 3.2 V to perform this test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com