Electronic Components Datasheet Search
  English  ▼

X  

TPS70751 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS70751
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70751 Datasheet(HTML) 3 Page - Texas Instruments

  TPS70751 Datasheet HTML 1Page - Texas Instruments TPS70751 Datasheet HTML 2Page - Texas Instruments TPS70751 Datasheet HTML 3Page - Texas Instruments TPS70751 Datasheet HTML 4Page - Texas Instruments TPS70751 Datasheet HTML 5Page - Texas Instruments TPS70751 Datasheet HTML 6Page - Texas Instruments TPS70751 Datasheet HTML 7Page - Texas Instruments TPS70751 Datasheet HTML 8Page - Texas Instruments TPS70751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed block diagram – fixed voltage version
UVLO
Thermal
Shutdown
Shutdown
2.5 V
+
–
Current
Sense
Reference
VREF
VREF
ENA_1
10 k
Ω
Rising Edge
Deglitch
0.95
× VREF
FB2
Falling Edge
Delay
VIN1
0.95
× VREF
FB1
Rising Edge
Deglitch
Falling Edge
Deglitch
0.83
× VREF
FB2
UV Comp
Falling Edge
Deglitch
0.83
× VREF
FB1
UV Comp
Power
Sequence
Logic
SHUTDOWN
ENA_1
ENA_2
VIN1
Current
Sense
+
–
10 k
Ω
ENA_2
ENA_2
FB2
VREF
VIN1 (2 Pins)
GND
EN
SEQ
(see Note B)
VIN2 (2 Pins)
VOUT1 (2 Pins)
VSENSE1
(see Note A)
PG1
MR2
RESET
MR1
VSENSE2
(see Note A)
VOUT2(2 Pins)
FB1
VIN1
ENA_1
NOTES: A. For most applications, VSENSE1 and VSENSE2 should be externally connected to VOUT as close as possible to the device.
For other implementations, refer to SENSE terminal connection discussion in the application information section.
B. If the SEQ terminal is floating at the input, VOUT2 will power up first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com